Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS6121F Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce TS6121F
Description  10/100 BASE PULSE TRANSFORMERS (SMD) SMALL SIZE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

TS6121F Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  TS6121F Datasheet HTML 1Page - List of Unclassifed Manufacturers TS6121F Datasheet HTML 2Page - List of Unclassifed Manufacturers TS6121F Datasheet HTML 3Page - List of Unclassifed Manufacturers TS6121F Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10/100 BASE PULSE TRANSFORMERS (SMD) SMALL SIZE
BOTHHAND
USA.
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Bothhand USA. e-mail: sales@bothhandusa.com http://www.bothhand.com
462 Boston St - Topsfield, MA 01983 - Phone: 978-887-8050 - Fax: 978-887-5434
Low leakage inductance and winding capacitances for fast rise time
High isolation voltages to comply with international safety requirements for LANs
Half port and single port designs for maximum layout flexibility
Compatible with Intel, TDK, QSI, and ICS transceivers
16 PIN SMD package to compliant with IEEE 802.3 standard
Storage temperature range: -40℃to +125℃
Electrical Specifications @ 25℃ Operating Temperature range: 0℃ to + 70℃
Insertion
Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
CMRR
(dB Min)
Part
Number
0.3~100MHz 0.3-30MHz
40MHz
50MHz
60-80MHz
0.3-100MHz
0.3-100MHz
TS6121A
-1.1
-18
-15.5
-13
-12
-38
-40
TS6121B
-1.15
-18
-15.5
-13.6
-12
-38
-40
TS6121E
-1.15
-18
-15.5
-13
-12
-38
-40
TS6121F
-1.1
-18
-15.5
-13
-12
-30
-40
TS6121G
-1.15
-18
-15.5
-13.
-12
-38
-40
TS6121H
-1.15
-18
-15.5
-13.6
-12
-35
-40
0.3-60MHz
60-100MHz
TS6121K
-1.15
-18
-15.5
-13.
-12
-50
-45
-35
Insertion
Loss
(dB Max)
Return Loss(dB Min)
Cross talk (dB Min)
Differential to Common
Mode Rejection (dB Min)
Part
Number
0.3~100MHz
30MHz
60MHz
80MHz
30MHz
60MHz
100MHz
30MHz
60MHz
100MHz
TS6121C
-1.15
-20
-14
-12
-45
-40
-35
-42
-37
-33
TS6121CX
-1.15
-20
-14
-12
-45
-40
-35
-42
-37
-33
0.3-60MHz
60-100MHz
TS6121K
-
-
-
-
-
-
-
-45
-35
Part
Number
Turns Ratio
(±5%)
OCL
(uH Min)
L.L
(uH Max)
CW/W
(pF Max)
HI-POT
(Vrms)
DCR Primary (Ω Max)
TS6121A
1CT:1CT
350
0.5
28
1500
0.7 Pin 1-3/6-8 & 1.1 Pin 11-9
TS6121B
1.25CT:1CT/1CT:1CT
350
0.5
28
1500
0.9
TS6121C
1CT:1CT
350
0.5
28
1500
0.7 Pin 1-3/6-8 & 1.1 Pin 11-9
TS6121CX
1CT:1CT
350
0.5
56
1500
0.7 Pin 1-3/6-8 & 1.1 Pin 11-9
TS6121E
1CT:1CT
350
0.5
28
1500
0.7 Pin 1-3/6-8 & 1.1 Pin 11-9
TS6121F
1CT:1CT
350
0.5
28
1500
0.7 Pin 1-3/6-8 & 1.1 Pin 11-9
TS6121G
1CT:1CT
350
0.5
28
1500
0.7 Pin 1-3/6-8 & 1.1 Pin 11-9
TS6121H
1CT:1CT
350
0.4
28
1500
0.7 Pin 1-3/6-8 & 1.1 Pin 11-9
TS6121K
1CT:1CT
350
0.5
28
1500
0.7 Pin 1-3/6-8 & 1.1 Pin 11-9


Numéro de pièce similaire - TS6121F

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
TS6121F BOTHHAND-TS6121F Datasheet
293Kb / 1P
   10/100 BASE PULSE TRANSFORMER
More results

Description similaire - TS6121F

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
16PT8512BLF BOTHHAND-16PT8512BLF Datasheet
830Kb / 3P
   10/100 BASE PULSE TRANSFORMERS (DIP)
16PT8510 BOTHHAND-16PT8510 Datasheet
377Kb / 6P
   10/100 BASE PULSE TRANSFORMERS (DIP)
40ST1041 BOTHHAND-40ST1041_1 Datasheet
754Kb / 5P
   10/100 BASE QUAD PORT PULSE TRANSFORMERS
16ST1086HF BOTHHAND-16ST1086HF Datasheet
675Kb / 3P
   10/100 BASE-T TRANSFORMER (SMD) SMALL SIZE
16ST8510 BOTHHAND-16ST8510_1 Datasheet
323Kb / 3P
   10/100 BASE PULSE TRANSFORMER (SMD)
20PT8052 BOTHHAND-20PT8052 Datasheet
192Kb / 2P
   10 BASE TWO PORT PULSE TRANSFORMERS
40ST6489B BOTHHAND-40ST6489B Datasheet
528Kb / 5P
   10 BASE QUAD PORT PULSE TRANSFORMERS
TN8515 BOTHHAND-TN8515 Datasheet
187Kb / 1P
   10/100 BASE PULSE TRANSFORMER
TS6121KLF BOTHHAND-TS6121KLF Datasheet
266Kb / 1P
   10/100 BASE PULSE TRANSFOREMER
TS6121K BOTHHAND-TS6121K_1 Datasheet
196Kb / 1P
   10/100 BASE PULSE TRANSFORMER
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com