Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SI-3018LSA Datasheet(Fiches technique) 4 Page - List of Unclassifed Manufacturers

Numéro de pièce SI-3018LSA
Description  Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SI-3018LSA Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SI-3018LSA Datenblatt HTML 1Page - List of Unclassifed Manufacturers SI-3018LSA Datenblatt HTML 2Page - List of Unclassifed Manufacturers SI-3018LSA Datenblatt HTML 3Page - List of Unclassifed Manufacturers SI-3018LSA Datasheet HTML 4Page - List of Unclassifed Manufacturers SI-3018LSA Datenblatt HTML 5Page - List of Unclassifed Manufacturers SI-3018LSA Datenblatt HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
sTypical Characteristics of SI-3018LSA
(Ta=25
°C)
IO vs. VDIF Characteristics
Load Regulation
Output ON/OFF Control
Output Voltage Characteristics
Overcurrent Protection Characteristics
Output ON/OFF Control Current
Line Regulation
Thermal Protection Characteristics
Circuit Current
[Note on Thermal Protection]
The thermal protection circuit is in-
tended for protection against heat
during instantaneous short-circuiting.
Its operation is not guaranteed for
continuous heating conditions such
as short-circuiting over extended
periods of time.
0
0.2
0.4
0.6
0.8
1.0
1.0
0.8
0.6
0.4
0.2
0
Output Current IO (A)
VIN=8V
5V
3.2V
0
0.2
0.4
0.6
0.8
1.0
1.84
1.82
1.80
1.78
1.76
1.74
1.72
Output Current IO (A)
VIN=3.3V
IO=5mA
0123
3
2
1
0
Output ON/OFF Control Voltage VC (V)
IO=0A-1A
0.25A step
012
3
4
5
3
2
1
0
Input Voltage VIN (V)
VIN=5V
2
1.5
1
0.5
0
0
0.5
1
1.5
2
Output Current IO (A)
VIN=3.3V
IO=5mA
0123
60
50
40
30
20
10
0
Output Control Voltage VC (V)
02
4
6
8
10
1.84
1.82
1.80
1.78
1.76
1.74
1.72
Input Voltage VIN (V)
IO=1A
0.75A
0.5A
0.25A
0A
IO=1A-0A
0.25A step
0
2
468
10
20
15
10
5
0
Input Voltage VIN (V)
qSI-3000LSA Series
VIN=3.3V
IO=5mA
3
2
1
0
0
60
100
140
180
20
Case Temperature TC (
°C)


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn