Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

A20613204A9 Fiches technique(PDF) 4 Page - Eaton All Rights Reserved.

No de pièce A20613204A9
Description  Single Row Terminal Blocks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

A20613204A9 Fiches technique(HTML) 4 Page - Eaton All Rights Reserved.

  A20613204A9 Datasheet HTML 1Page - Eaton All Rights Reserved. A20613204A9 Datasheet HTML 2Page - Eaton All Rights Reserved. A20613204A9 Datasheet HTML 3Page - Eaton All Rights Reserved. A20613204A9 Datasheet HTML 4Page - Eaton All Rights Reserved. A20613204A9 Datasheet HTML 5Page - Eaton All Rights Reserved. A20613204A9 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For additional product information, visit
www.eaton.com/connectors
MOUNTING
PLATE
MP
MT
0.144 HOLE
w/0.312 C' BORE
0.325
0.12
Option
MP Metal inserts with 0.150” dia. hole
accept #6 screw. Bulk part number 2MP-J.
Option DR
Counterbored holes across mount ends of
block enable fastening with two screws at
right angles to normal mount position.
Drilled Right Angle (A2, LP2 only)
Mounting Plates
Retaining Clip
RETAINING CLIP
Option RC
Use on standoff tubes. Fit panels up to
0.125” thick. Two clips for every five
positions. Supplied unassembled. Bulk part
number H541-J.
Mounting Options
0.32
0.45
0.15
0.25
0.04
Option AB
Angle brackets enable block to be fastened
at right angles to normal mount position.
Bulk part number 2AB-J.
Angle Brackets (A2, LP2 only)
Right Angle Bends (A2, LP2 only)
Right angle terminals are offered on the A2000 & LP2000 Series. Configurations
are defined in these dimensions: X = pin extension beyond the block base; Z
= length from block base to centerline of the terminal tip. Standard bends
consist of the X and Z dimensions shown in the chart. Specify by adding the
selected Bend Option Code to the terminal part number.
X
Z
0.82
X
Z
0.55
07 Terminal Bend Configurations
04 Terminal Bend Configurations
Bend
Available
Option
X
Z
w/insulator
Code
(minimum)
base
R30
0.04
0.28
No
R35
0.01
0.23
No
R36
0.02
0.22
No
R39
0.05
0.19
No
R42
0.08
0.16
No
R46
0.12
0.12
No
R48
0.14
0.10
No
R50
0.16
0.08
No
Bend
Available
Option
X
Z
w/insulator
Code
(minimum)
base
R30
0.04
0.55
Yes
R35
0.01
0.50
Yes
R36
0.02
0.49
Yes
R42
0.08
0.43
Yes
R46
0.12
0.39
Yes
R50
0.16
0.35
No
R53
0.19
0.32
No
R66
0.32
0.19
No
R69
0.35
0.16
No
R75
0.41
0.10
No
R77
0.43
0.08
No
Dimensions in inches. To convert to millimeters, multiply by 25.4.
Series A2000 & LP2000
Single Row Terminal Blocks
Continued
Terminal Blocks - Single Row
11


Numéro de pièce similaire - A20613204A9

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
A2061 TOSHIBA-A2061 Datasheet
169Kb / 5P
   Silicon PNP Epitaxial Type
logo
ITT Industries
A20614MNZQ ITT-A20614MNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
A20614MSZQ ITT-A20614MSZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
A20614RNZQ ITT-A20614RNZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
A20614RSZQ ITT-A20614RSZQ Datasheet
341Kb / 5P
   1-4 Pole Rotary Switches
More results

Description similaire - A20613204A9

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
A207403R46 ETC2-A207403R46 Datasheet
2Mb / 6P
   Terminal Blocks - Single Row
logo
Eaton All Rights Reserv...
CB0 EATON-CB0 Datasheet
3Mb / 27P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
A50110507 COOPER-A50110507 Datasheet
938Kb / 23P
   Single Row Terminal Blocks
logo
Eaton All Rights Reserv...
LP2 EATON-LP2 Datasheet
819Kb / 7P
   Single Row Terminal Blocks
CB11 EATON-CB11 Datasheet
363Kb / 3P
   Single Row Terminal Blocks
logo
Cooper Bussmann, Inc.
BB1 COOPER-BB1 Datasheet
105Kb / 1P
   Single Row Terminal Blocks Continued
TB100-08 COOPER-TB100-08 Datasheet
470Kb / 10P
   Double Row Terminal Blocks
TB100-10 COOPER-TB100-10 Datasheet
112Kb / 2P
   Double Row Terminal Blocks
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com