Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

A20260204A9 Datasheet(Fiches technique) 4 Page - Eaton All Rights Reserved.

Numéro de pièce A20260204A9
Description  Single Row Terminal Blocks
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo 

A20260204A9 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For additional product information, visit
www.eaton.com/connectors
MOUNTING
PLATE
MP
MT
0.144 HOLE
w/0.312 C' BORE
0.325
0.12
Option
MP Metal inserts with 0.150” dia. hole
accept #6 screw. Bulk part number 2MP-J.
Option DR
Counterbored holes across mount ends of
block enable fastening with two screws at
right angles to normal mount position.
Drilled Right Angle (A2, LP2 only)
Mounting Plates
Retaining Clip
RETAINING CLIP
Option RC
Use on standoff tubes. Fit panels up to
0.125” thick. Two clips for every five
positions. Supplied unassembled. Bulk part
number H541-J.
Mounting Options
0.32
0.45
0.15
0.25
0.04
Option AB
Angle brackets enable block to be fastened
at right angles to normal mount position.
Bulk part number 2AB-J.
Angle Brackets (A2, LP2 only)
Right Angle Bends (A2, LP2 only)
Right angle terminals are offered on the A2000 & LP2000 Series. Configurations
are defined in these dimensions: X = pin extension beyond the block base; Z
= length from block base to centerline of the terminal tip. Standard bends
consist of the X and Z dimensions shown in the chart. Specify by adding the
selected Bend Option Code to the terminal part number.
X
Z
0.82
X
Z
0.55
07 Terminal Bend Configurations
04 Terminal Bend Configurations
Bend
Available
Option
X
Z
w/insulator
Code
(minimum)
base
R30
0.04
0.28
No
R35
0.01
0.23
No
R36
0.02
0.22
No
R39
0.05
0.19
No
R42
0.08
0.16
No
R46
0.12
0.12
No
R48
0.14
0.10
No
R50
0.16
0.08
No
Bend
Available
Option
X
Z
w/insulator
Code
(minimum)
base
R30
0.04
0.55
Yes
R35
0.01
0.50
Yes
R36
0.02
0.49
Yes
R42
0.08
0.43
Yes
R46
0.12
0.39
Yes
R50
0.16
0.35
No
R53
0.19
0.32
No
R66
0.32
0.19
No
R69
0.35
0.16
No
R75
0.41
0.10
No
R77
0.43
0.08
No
Dimensions in inches. To convert to millimeters, multiply by 25.4.
Series A2000 & LP2000
Single Row Terminal Blocks
Continued
Terminal Blocks - Single Row
11


Html Pages

1  2  3  4  5  6 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn