Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

A20240204A9 Datasheet(Fiches technique) 1 Page - Eaton All Rights Reserved.

Numéro de pièce A20240204A9
Description  Single Row Terminal Blocks
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo 

A20240204A9 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For additional product information, visit
www.eaton.com/connectors
C
0.70
(17.8)
0.60
(15.2)
0.02
(0.5)
0.375
(9.53)
Mount End
Barrier End
Mount End
Barrier End
B Pole Centers
A Mount Centers
0.19
(4.8)
Ø
0.32
(8.1)
C
A Mount Centers
0.65
(16.5)
B Pole Centers
0.375
(9.53)
Mount End
Barrier End
Mount End
Barrier End
0.40
(10.2)
0.76 (19.3)
0.565 (14.35)
on LP2000
0.15
(3.8)
Ø
0.02
(0.5)
MOUNTING
BARRIER &
BARRIER
ENDS
MOUNTING
ENDS
ONLY
ENDS
ONLY
A
C
B
C
Poles
Mount Ctrs.
Length
Pole Ctrs.
Length
02
1.13
1.56
0.38
0.81
03
1.50
1.93
0.75
1.18
04
1.88
2.30
1.13
1.56
05
2.25
2.68
1.50
1.93
06
2.63
3.06
1.88
2.31
07
3.00
3.43
2.25
2.68
08
3.38
3.81
2.63
3.06
09
3.75
4.18
3.00
3.43
10
4.13
4.56
3.38
3.81
11
4.50
4.93
3.75
4.18
12
4.88
5.31
4.13
4.56
13
5.25
5.69
4.50
4.93
14
5.63
6.06
4.88
5.31
15
6.00
6.43
5.25
5.68
16
6.38
6.81
5.63
6.06
17
6.75
7.18
6.00
6.43
18
7.13
7.56
6.38
6.81
19
7.50
7.93
6.75
7.18
20
7.88
8.31
7.13
7.56
21
8.25
8.68
7.50
7.93
22
8.63
9.06
7.88
8.31
23
9.00
9.43
8.25
8.68
24
9.38
9.81
8.63
9.06
25
9.75
10.18
9.00
9.43
26
10.13
10.56
9.38
9.81
27
10.50
10.93
9.75
10.18
28
10.88
11.31
10.13
10.55
29
11.25
11.68
10.50
10.93
30
11.63
12.05
10.88
11.31
31
11.25
11.68
32
11.63
12.05
LP2: 30A, 150V*
CB2: 30A, 300V*
Center Spacing: 0.375” or 3/8” (9.52mm)
Wire Range: #12-22 AWG Cu
Screw Size: #6-32 zinc-plated philslot
Torque Rating: 9 lb-in.
Base: Standoffs standard for easy flux washing
Distance Between Barriers: 0.32” (8.1mm)
Recommended PCB Hole Diameter: 0.076” (1.93mm)
Operating Temperature: 105°C (221°F) max., -40°C (-40°F) min.
Molded Material: Black, UL Rated 94V0 Thermoplastic
Breakdown Voltage: 3400V (A2 & LP2); 4100V (CB2).
Agency Information: UL File E62622, CSA File 47235;
IEC Compliance; CE Certified
*30A Rating achieved with a #10 copper wire crimped to a ring terminal.;
20A Rating without ring terminal.
LP202110
A2000 & LP2000 Series
Dimensions - in (mm)
* Dimensions in inches. To convert to millimeters, multiply by 25.4.
A20110807WR
CB2000 Series
CB20210507
Terminal Blocks - Single Row
Series A2000, LP2000 & CB2000
Single Row Terminal Blocks
SPECIFICATIONS
Rating: A2:
30A, 300V*
8


Html Pages

1  2  3  4  5  6 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn