Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

A20240204A9 Datasheet(Fiches technique) 6 Page - Eaton All Rights Reserved.

Numéro de pièce A20240204A9
Description  Single Row Terminal Blocks
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo 

A20240204A9 Datasheet(HTML) 6 Page - Eaton All Rights Reserved.

   
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For additional product information, visit
www.eaton.com/connectors
Terminal Blocks - Single Row
MOUNTING
PLATE
MP
MT
MT8
Hardware Options (Bulk ordering part numbers are in parentheses)
Inches (Millimeters)
Solder Lugs
Jumpers
Quick Connects
Blade Width A = 0.250”. Blade Width B = 0.187”.
0.68 (17.3)
0.84 (21.2)
S1
(2S1-J)
A9 & B9
(2A9-J & 2B9-J)
0.33 (8.4)
JB
(JB2-XX-J)
A7 & B7
(2A7-J & 2B7-J)
A8 & B8
(2A8-J & 2B8-J)
0.33 (8.4)
JA
(JA2-XX-J)
0.33 (8.4)
JC
(JC2-XX-J)
Mounting Options
Inches (Millimeters)
Snap-in Angle Bracket
Chassis
or PCB
A
A
#6 or #8
mounting
screw & nut
(Customer
supplied.)
0.71
(18.0)
0.45
(11.4)
0.79
(20.1)
1.02
(25.8)
0.24
(6.1)
0.42
(10.7)
Option AB
OJ4
(OJ4-J)
OJ2
(OJ2-J)
Option MP
MP Metal inserts with 0.150” dia. hole accept #6 screw.
Bulk part number 2MP-J.
Mounting Plates
End Positions
usable
Exit Back (EB)
Terminals
Angle
Bracket
Right Angle Mounting Bracket
Mounts blocks on PC boards at a right angle.
• Protects solder joints.
• Recommended for all EB (Exit Back) PCB terminal blocks.
• Bracket snaps securely on block (no hardware required).
• Minimum strip length (end positions are usable).
• Mount with #6-32 or #8-32 screws (not supplied).
Series CB2000
Single Row Terminal Blocks
†Contact factory for configuration..
13


Html Pages

1  2  3  4  5  6 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn