Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC220-RE3C Fiches technique(PDF) 6 Page - Nuvoton Technology Corporation

No de pièce NUC220-RE3C
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC220-RE3C Fiches technique(HTML) 6 Page - Nuvoton Technology Corporation

Back Button NUC220-RE3C Datasheet HTML 2Page - Nuvoton Technology Corporation NUC220-RE3C Datasheet HTML 3Page - Nuvoton Technology Corporation NUC220-RE3C Datasheet HTML 4Page - Nuvoton Technology Corporation NUC220-RE3C Datasheet HTML 5Page - Nuvoton Technology Corporation NUC220-RE3C Datasheet HTML 6Page - Nuvoton Technology Corporation NUC220-RE3C Datasheet HTML 7Page - Nuvoton Technology Corporation NUC220-RE3C Datasheet HTML 8Page - Nuvoton Technology Corporation NUC220-RE3C Datasheet HTML 9Page - Nuvoton Technology Corporation NUC220-RE3C Datasheet HTML 10Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 6 of 107
Rev 1.01
List of Figures
Figure 4-1 NuMicro
® NUC100 Series Selection Code ................................................................... 20
Figure 4-2 NuMicro
® NUC100VxxDN LQFP 100-pin Diagram ...................................................... 21
Figure 4-3 NuMicro
® NUC100RxxDN LQFP 64-pin Diagram ........................................................ 22
Figure 4-4 NuMicro
® NUC100LxxDN LQFP 48-pin Diagram......................................................... 23
Figure 4-5 NuMicro
® NUC120VxxDN LQFP 100-pin Diagram ...................................................... 24
Figure 4-6 NuMicro
® NUC120RxxDN LQFP 64-pin Diagram ........................................................ 25
Figure 4-7 NuMicro
® NUC120LxxDN LQFP 48-pin Diagram......................................................... 26
Figure 5-1 NuMicro
® NUC100 Block Diagram ............................................................................... 41
Figure 5-2 NuMicro
® NUC120 Block Diagram ............................................................................... 42
Figure 6-1 Functional Controller Diagram ...................................................................................... 43
Figure 6-2 System Reset Resources ............................................................................................. 46
Figure 6-3 nRESET Reset Waveform ............................................................................................ 48
Figure 6-4 Power-on Reset (POR) Waveform ............................................................................... 48
Figure 6-5 Low Voltage Reset (LVR) Waveform............................................................................ 49
Figure 6-6 Brown-Out Detector (BOD) Waveform ......................................................................... 50
Figure 6-7 Power Mode State Machine ......................................................................................... 51
Figure 6-8 NuMicro
® NUC100 Power Distribution Diagram........................................................... 54
Figure 6-9 NuMicro
® NUC120 Power Distribution Diagram........................................................... 55
Figure 6-10 Clock Generator Global View Diagram....................................................................... 61
Figure 6-11 Clock Generator Block Diagram ................................................................................. 62
Figure 6-12 System Clock Block Diagram ..................................................................................... 63
Figure 6-13 SysTick Clock Control Block Diagram ........................................................................ 63
Figure 6-14 Clock Source of Frequency Divider ............................................................................ 64
Figure 6-15 Frequency Divider Block Diagram .............................................................................. 65
Figure 6-16 UART nRTS Auto-Flow Control Trigger Level............................................................ 77
Figure 6-17 I
2C Bus Timing............................................................................................................ 82
Figure 8-1 Typical Crystal Application Circuit ................................................................................ 96


Numéro de pièce similaire - NUC220-RE3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC220-LC1C NUVOTON-NUC220-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC1E NUVOTON-NUC220-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC1N NUVOTON-NUC220-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC2C NUVOTON-NUC220-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC2E NUVOTON-NUC220-LC2E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC220-RE3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com