Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC240-RB3C Fiches technique(PDF) 91 Page - Nuvoton Technology Corporation

No de pièce NUC240-RB3C
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC240-RB3C Fiches technique(HTML) 91 Page - Nuvoton Technology Corporation

Back Button NUC240-RB3C Datasheet HTML 87Page - Nuvoton Technology Corporation NUC240-RB3C Datasheet HTML 88Page - Nuvoton Technology Corporation NUC240-RB3C Datasheet HTML 89Page - Nuvoton Technology Corporation NUC240-RB3C Datasheet HTML 90Page - Nuvoton Technology Corporation NUC240-RB3C Datasheet HTML 91Page - Nuvoton Technology Corporation NUC240-RB3C Datasheet HTML 92Page - Nuvoton Technology Corporation NUC240-RB3C Datasheet HTML 93Page - Nuvoton Technology Corporation NUC240-RB3C Datasheet HTML 94Page - Nuvoton Technology Corporation NUC240-RB3C Datasheet HTML 95Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 91 of 107
Rev 1.01
DC Electrical Characteristics
8.2
(VDD-VSS=5.5 V, TA = 25C, FOSC = 50 MHz unless otherwise specified.)
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operation Voltage
VDD
2.5
5.5
V
VDD = 2.5V ~ 5.5V up to 50 MHz
Power Ground
VSS
AVSS
-0.3
V
LDO Output Voltage
VLDO
1.62
1.8
1.98
V
VDD > 2.5V
Analog Operating Voltage
AVDD
VDD
V
When system used analog
function, please refer to chapter 8.4
for corresponding analog operating
voltage
Operating Current
Normal Run Mode
at 50 MHz
IDD1
34
mA
VDD
XTAL
PLL
All IP
5.5V
12 MHz
V
V
IDD2
15
mA
5.5V
12 MHz
V
X
IDD3
32
mA
3.3V
12 MHz
V
V
IDD4
14
mA
3.3V
12 MHz
V
X
Operating Current
Normal Run Mode
at 12 MHz
IDD5
8.5
mA
VDD
XTAL
PLL
All IP
5.5V
12 MHz
X
V
IDD6
3.6
mA
5.5V
12 MHz
X
X
IDD7
7.5
mA
3.3V
12 MHz
X
V
IDD8
2.6
mA
3.3V
12 MHz
X
X
Operating Current
Normal Run Mode
at 4 MHz
IDD9
3.6
mA
VDD
XTAL
PLL
All IP
5.5V
4 MHz
X
V
IDD10
2
mA
5.5V
4 MHz
X
X
IDD11
2.8
mA
3.3V
4 MHz
X
V
IDD12
1.2
mA
3.3V
4 MHz
X
X
Operating Current
Normal Run Mode
at 32.768 kHz
IDD13
141
A
VDD
XTAL
PLL
All IP
5.5V
32.768
kHz
X
V
IDD14
129
A
5.5V
32.768
kHz
X
X
IDD15
138
A
3.3V
32.768
kHz
X
V


Numéro de pièce similaire - NUC240-RB3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC240-LC1C NUVOTON-NUC240-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC1E NUVOTON-NUC240-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC1N NUVOTON-NUC240-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC2C NUVOTON-NUC240-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LC2C NUVOTON-NUC240-LC2C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC240-RB3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com