Moteur de recherche de fiches techniques de composants électroniques |
|
CXA2726GA Fiches technique(PDF) 5 Page - Sony Corporation |
|
CXA2726GA Fiches technique(HTML) 5 Page - Sony Corporation |
5 / 37 page CXA2726GA - 5 - 7 4 17 15 E+I F+J G+K H+L O Output of voltage signals converted from optical signals. 5 14 WPP1 WPP2 O Non-inverted output of added A to D signals. WPP1 = A + B WPP2 = C + D 6 8 13 11 A B C D O Output of voltage signals converted from optical signals. 9SW1 I Mode switching input. 0 to 0.4V: Low 1.2 to 2.0V: Middle 2.9V to VCC: High 10 VC I For a dual power supply: GND For a single power supply: Center voltage input Pin No. Symbol I/O Equivalent circuit Description 4 7 17 15 14 5 3k 9k 6k 6k 8 6 13 11 60k 9 1k 10 |
Numéro de pièce similaire - CXA2726GA |
|
Description similaire - CXA2726GA |