Moteur de recherche de fiches techniques de composants électroniques |
|
NUC230-VD2C Fiches technique(PDF) 43 Page - Nuvoton Technology Corporation |
|
NUC230-VD2C Fiches technique(HTML) 43 Page - Nuvoton Technology Corporation |
43 / 107 page NUC100/120xxxDN Aug 31, 2015 Page 43 of 107 Rev 1.01 6 FUNCTIONAL DESCRIPTION ARM ® Cortex® -M0 Core 6.1 The Cortex ® -M0 processor is a configurable, multistage, 32-bit RISC processor, which has an AMBA AHB-Lite interface and includes an NVIC component. It also has optional hardware debug functionality. The processor can execute Thumb code and is compatible with other Cortex ® -M profile processor. The profile supports two modes -Thread mode and Handler mode. Handler mode is entered as a result of an exception. An exception return can only be issued in Handler mode. Thread mode is entered on Reset, and can be entered as a result of an exception return. Figure 6-1 shows the functional controller of processor. Cortex ® -M0 Processor Core Nested Vectored Interrupt Controller (NVIC) Breakpoint and Watchpoint Unit Debugger Interface Bus Matrix Debug Access Port (DAP) Debug Cortex ® -M0 processor Cortex ® -M0 Components Wakeup Interrupt Controller (WIC) Interrupts Serial Wire or JTAG Debug Port AHB-Lite Interface Figure 6-1 Functional Controller Diagram The implemented device provides the following components and features: A low gate count processor: – ARMv6-M Thumb ® instruction set – Thumb-2 technology – ARMv6-M compliant 24-bit SysTick timer – A 32-bit hardware multiplier – System interface supported with little-endian data accesses – Ability to have deterministic, fixed-latency, interrupt handling – Load/store-multiples and multicycle-multiplies that can be abandoned and restarted to facilitate rapid interrupt handling – C Application Binary Interface compliant exception model. This is the ARMv6-M, C Application Binary Interface (C-ABI) compliant exception model that enables the use of pure C functions as interrupt handlers – Low Power Sleep mode entry using Wait For Interrupt (WFI), Wait For Event (WFE) instructions, or the return from interrupt sleep-on-exit feature NVIC: |
Numéro de pièce similaire - NUC230-VD2C |
|
Description similaire - NUC230-VD2C |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |