Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OL3300N-05 Fiches technique(PDF) 3 Page - OKI electronic componets

No de pièce OL3300N-05
Description  Surface Mount Laser Diode Modules (1310 nm, 0.5 mW)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OKI [OKI electronic componets]
Site Internet  http://www.oki.com
Logo OKI - OKI electronic componets

OL3300N-05 Fiches technique(HTML) 3 Page - OKI electronic componets

  OL3300N-05 Datasheet HTML 1Page - OKI electronic componets OL3300N-05 Datasheet HTML 2Page - OKI electronic componets OL3300N-05 Datasheet HTML 3Page - OKI electronic componets OL3300N-05 Datasheet HTML 4Page - OKI electronic componets OL3300N-05 Datasheet HTML 5Page - OKI electronic componets OL3300N-05 Datasheet HTML 6Page - OKI electronic componets OL3300N-05 Datasheet HTML 7Page - OKI electronic componets OL3300N-05 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1
Oki Semiconductor
OL3300N-05 and OL3301N-05 LD Modules
Surface Mount LD Modules for Single-Mode Fiber
INTRODUCTION
Oki Semiconductor’s OL3300N-05/OL3301N-05 family of surface mount laser diode modules feature a
1.3-µm, InGaAsP/InP laser diode providing 1310-nm output at 0.5 mW. These low-cost laser diodes are
available in 8-pin Mini-Dil packages, have a built-in monitor photodiode, and are coupled to single-
mode fiber pigtails.
FEATURES
• InGaAsP/InP laser diode
• Fiber output: 1310-nm output at 0.5 mW
• 1.3-µm technology
• Single-mode fiber
• 8-pin Mini-Dil package
• Includes a photodiode for power monitoring
APPLICATION
• Optical transmission systems
• OL3301N-05: OC-48, 2.488 Gbps
• OL3300N-05: 622 Mbps
• Gigabit Ethernet
• Digital video systems
• LAN systems
• Optical measurement / OTDRs


Numéro de pièce similaire - OL3300N-05

FabricantNo de pièceFiches techniqueDescription
logo
OKI electronic componet...
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
   1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
More results

Description similaire - OL3300N-05

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MCE-3E5B-002 UOT-MCE-3E5B-002 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-012 UOT-MCE-3E5B-012 Datasheet
74Kb / 2P
   1310 nm LASER DIODE
MCE-3E5B-001 UOT-MCE-3E5B-001 Datasheet
72Kb / 2P
   1310 nm LASER DIODE
logo
OKI electronic componet...
OL5300N-03 OKI-OL5300N-03 Datasheet
57Kb / 8P
   Surface Mount Laser Diode Module (1550 nm, 0.3 mW)
OL4121N-120 OKI-OL4121N-120 Datasheet
99Kb / 8P
   High-Power Laser Diode Butterfly Modules(1480 nm, 120 mW/140 mW)
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
   1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
logo
Optoway Technology Inc
FL-3340 OPTOWAY-FL-3340 Datasheet
92Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3300 OPTOWAY-FL-3300 Datasheet
101Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3300 OPTOWAY-FL-3300_09 Datasheet
128Kb / 4P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH PIGTAIL
FL-3500 OPTOWAY-FL-3500 Datasheet
133Kb / 2P
   1310 nm LASER DIODE MODULES UNCOOLED MQW-FP LD WITH RECEPTACLE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com