Moteur de recherche de fiches techniques de composants électroniques |
|
NUC140-VA2C Fiches technique(PDF) 49 Page - Nuvoton Technology Corporation |
|
NUC140-VA2C Fiches technique(HTML) 49 Page - Nuvoton Technology Corporation |
49 / 107 page NUC100/120xxxDN Aug 31, 2015 Page 49 of 107 Rev 1.01 AVDD voltage is lower than VLVR and the state keeps longer than De-glitch time (16*HCLK cycles), chip will be reset. The LVR reset will control the chip in reset state until the AVDD voltage rises above VLVR and the state keeps longer than De-glitch time. The RSTS_RESET (RSTSRC[1]) will be set to 1 if the previous reset source is nRESET reset. Figure 6-5 shows the Low Voltage Reset waveform. AVDD VLVR Low Voltage Reset T1 (<De-glitch time) T2 (=De-glitch time) T3 (=De-glitch time) LVR_EN 100 us Delay for LVR stable Figure 6-5 Low Voltage Reset (LVR) Waveform Brown-out Detector Reset (BOD Reset) 6.2.2.4 If the Brown-out Detector (BOD) function is enabled by setting the Brown-out Detector Enable Bit BOD_EN (BODCR[0]), Brown-Out Detector function will detect AVDD during system operation. When the AVDD voltage is lower than VBOD which is decided by BOD_EN (BODCR[0]) and BOD_VL (BODCR[2:1]) and the state keeps longer than De-glitch time (Max(20*HCLK cycles, 1*LIRC cycle)), chip will be reset. The BOD reset will control the chip in reset state until the AVDD voltage rises above VBOD and the state keeps longer than De-glitch time. The default value of BOD_EN, BOD_VL and BOD_RSTEN is set by flash controller user configuration register CBODEN (CONFIG0[23]), CBOV1-0 (CONFIG0[22:21]) and CBORST (CONFIG0[20]) respectively. User can determine the initial BOD setting by setting the CONFIG0 register. Figure 6-6 shows the Brown-Out Detector waveform. |
Numéro de pièce similaire - NUC140-VA2C |
|
Description similaire - NUC140-VA2C |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |