Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-RE3C Fiches technique(PDF) 26 Page - Nuvoton Technology Corporation

No de pièce NUC140-RE3C
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-RE3C Fiches technique(HTML) 26 Page - Nuvoton Technology Corporation

Back Button NUC140-RE3C Datasheet HTML 22Page - Nuvoton Technology Corporation NUC140-RE3C Datasheet HTML 23Page - Nuvoton Technology Corporation NUC140-RE3C Datasheet HTML 24Page - Nuvoton Technology Corporation NUC140-RE3C Datasheet HTML 25Page - Nuvoton Technology Corporation NUC140-RE3C Datasheet HTML 26Page - Nuvoton Technology Corporation NUC140-RE3C Datasheet HTML 27Page - Nuvoton Technology Corporation NUC140-RE3C Datasheet HTML 28Page - Nuvoton Technology Corporation NUC140-RE3C Datasheet HTML 29Page - Nuvoton Technology Corporation NUC140-RE3C Datasheet HTML 30Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 26 -
Revision V2.03
Address Space
Token
Controllers
0x400E_0000 – 0x400E_FFFF ADC_BA
Analog-Digital-Converter (ADC) Control Registers
APB2 Controllers Space (0x4010_0000 ~ 0x401F_FFFF)
0x4010_0000 – 0x4010_3FFF PS2_BA
PS/2 Interface Control Registers
0x4011_0000 – 0x4011_3FFF TMR23_BA
Timer2/Timer3 Control Registers
0x4012_0000 – 0x4012_3FFF I2C1_BA
I
2C1 Interface Control Registers
0x4013_0000 – 0x4013_3FFF SPI2_BA
ster/slave function Control Registers
(NuMicro™ NUC100/NUC120 Medium Density Only)
SPI2 with ma
0x4013_4000 – 0x4013_7FFF SPI3_BA
SPI3 with master/slave function Control Registers
um Density Only)
(NuMicro™ NUC100/NUC120 Medi
0x4014_0000 – 0x4014_3FFF PWMB_BA
PWM4/5/6/7 Control Registers
(NuMicro™ NUC100/NUC120 Medium Density Only)
0x4015_0000 – 0x4015_3FFF UART1_BA
UART1 Control Registers
0x4015_4000 – 0x4015_7FFF UART2_BA
0
Medium Density Only)
UART2 Control Registers
(NuMicro™ NUC100/NUC12
0x401A_0000 – 0x401A_3FFF I2S_BA
I
2S Interface Control Registers
System Controllers Space (0xE000_E000 ~ 0xE000_EFFF)
0xE000_E010 – 0xE000_E0FF SCS_BA
System Timer Control Registers
0xE000_E100 – 0xE000_ECFF SCS_BA
External Interrupt Controller Control Registers
0xE000_ED00 – 0xE000_ED8F SCS_BA
System Control Registers
Table 5-1 Address Space Assignments for On-Chip Controllers


Numéro de pièce similaire - NUC140-RE3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-RE3C NUVOTON-NUC140-RE3C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC140-RE3C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com