Moteur de recherche de fiches techniques de composants électroniques |
|
NUC130-LA2C Fiches technique(PDF) 14 Page - Nuvoton Technology Corporation |
|
NUC130-LA2C Fiches technique(HTML) 14 Page - Nuvoton Technology Corporation |
14 / 107 page NUC100/120xxxDN Aug 31, 2015 Page 14 of 107 Rev 1.01 – Supports event counting function – Supports input capture function Watchdog Timer – Multiple clock sources – 8 selectable time-out period from 1.6 ms ~ 26.0 sec (depending on clock source) – Wake-up from Power-down or Idle mode – Interrupt or reset selectable on watchdog time-out Window Watchdog Timer – 6-bit down counter with 11-bit prescale for wide range window selected RTC – Supports software compensation by setting frequency compensate register (FCR) – Supports RTC counter (second, minute, hour) and calendar counter (day, month, year) – Supports Alarm registers (second, minute, hour, day, month, year) – Selectable 12-hour or 24-hour mode – Automatic leap year recognition – Supports periodic time tick interrupt with 8 period options 1/128, 1/64, 1/32, 1/16, 1/8, 1/4, 1/2 and 1 second – Supports wake-up function PWM/Capture – Up to four built-in 16-bit PWM generators providing eight PWM outputs or four complementary paired PWM outputs – Each PWM generator equipped with one clock source selector, one clock divider, one 8-bit prescaler and one Dead-Zone generator for complementary paired PWM – Up to eight 16-bit digital capture timers (shared with PWM timers) providing eight rising/falling capture inputs – Supports Capture interrupt UART – Up to three UART controllers – UART ports with flow control (TXD, RXD, CTS and RTS) – UART0 with 64-byte FIFO is for high speed – UART1/2(optional) with 16-byte FIFO for standard device – Supports IrDA (SIR) and LIN function – Supports RS-485 9-bit mode and direction control – Programmable baud-rate generator up to 1/16 system clock – Supports PDMA mode SPI – Up to four sets of SPI controllers – The maximum SPI clock rate of Master can up to 36 MHz (chip working at 5V) – The maximum SPI clock rate of Slave can up to 18 MHz (chip working at 5V) – Supports SPI Master/Slave mode – Full duplex synchronous serial data transfer – Variable length of transfer data from 8 to 32 bits – MSB or LSB first data transfer – Rx and Tx on both rising or falling edge of serial clock independently – Two slave/device select lines in Master mode, and one slave/device select line in Slave mode – Supports Byte Suspend mode in 32-bit transmission – Supports PDMA mode – Supports three wire, no slave select signal, bi-direction interface I 2C |
Numéro de pièce similaire - NUC130-LA2C |
|
Description similaire - NUC130-LA2C |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |