Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC140-RE1C Datasheet(Fiches technique) 100 Page - Nuvoton Technology Corporation

Numéro de pièce NUC140-RE1C
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC140-RE1C Datasheet(HTML) 100 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 100 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 100 of 107
Rev 1.01
8.4.8
USB PHY Specification
USB DC Electrical Characteristics
8.4.8.1
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIH
Input High (driven)
2.0
V
VIL
Input Low
0.8
V
VDI
Differential Input Sensitivity
|PADP-PADM|
0.2
V
VCM
Differential
Common-mode Range
Includes VDI range
0.8
2.5
V
VSE
Single-ended Receiver Threshold
0.8
2.0
V
Receiver Hysteresis
200
mV
VOL
Output Low (driven)
0
0.3
V
VOH
Output High (driven)
2.8
3.6
V
VCRS
Output Signal Cross Voltage
1.3
2.0
V
RPU
Pull-up Resistor
1.425
1.575
VTRM
Termination Voltage for Upstream
Port Pull-up (RPU)
3.0
3.6
V
ZDRV
Driver Output Resistance
Steady state drive*
10
Ω
CIN
Transceiver Capacitance
Pin to GND
20
pF
*Driver output resistance doesn’t include series resistor resistance.
USB Full-Speed Driver Electrical Characteristics
8.4.8.2
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
TFR
Rise Time
CL=50p
4
20
ns
TFF
Fall Time
CL=50p
4
20
ns
TFRFF
Rise and Fall Time Matching
TFRFF=TFR/TFF
90
111.11
%
USB Power Dissipation
8.4.8.3
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IVBUS
VBUS Current
(Steady State)
Standby
50
μA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn