Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC140-RE1C Datasheet(Fiches technique) 91 Page - Nuvoton Technology Corporation

Numéro de pièce NUC140-RE1C
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC140-RE1C Datasheet(HTML) 91 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 91 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 91 of 107
Rev 1.01
DC Electrical Characteristics
8.2
(VDD-VSS=5.5 V, TA = 25C, FOSC = 50 MHz unless otherwise specified.)
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Operation Voltage
VDD
2.5
5.5
V
VDD = 2.5V ~ 5.5V up to 50 MHz
Power Ground
VSS
AVSS
-0.3
V
LDO Output Voltage
VLDO
1.62
1.8
1.98
V
VDD > 2.5V
Analog Operating Voltage
AVDD
VDD
V
When system used analog
function, please refer to chapter 8.4
for corresponding analog operating
voltage
Operating Current
Normal Run Mode
at 50 MHz
IDD1
34
mA
VDD
XTAL
PLL
All IP
5.5V
12 MHz
V
V
IDD2
15
mA
5.5V
12 MHz
V
X
IDD3
32
mA
3.3V
12 MHz
V
V
IDD4
14
mA
3.3V
12 MHz
V
X
Operating Current
Normal Run Mode
at 12 MHz
IDD5
8.5
mA
VDD
XTAL
PLL
All IP
5.5V
12 MHz
X
V
IDD6
3.6
mA
5.5V
12 MHz
X
X
IDD7
7.5
mA
3.3V
12 MHz
X
V
IDD8
2.6
mA
3.3V
12 MHz
X
X
Operating Current
Normal Run Mode
at 4 MHz
IDD9
3.6
mA
VDD
XTAL
PLL
All IP
5.5V
4 MHz
X
V
IDD10
2
mA
5.5V
4 MHz
X
X
IDD11
2.8
mA
3.3V
4 MHz
X
V
IDD12
1.2
mA
3.3V
4 MHz
X
X
Operating Current
Normal Run Mode
at 32.768 kHz
IDD13
141
A
VDD
XTAL
PLL
All IP
5.5V
32.768
kHz
X
V
IDD14
129
A
5.5V
32.768
kHz
X
X
IDD15
138
A
3.3V
32.768
kHz
X
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn