Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC140-RE1C Datasheet(Fiches technique) 61 Page - Nuvoton Technology Corporation

Numéro de pièce NUC140-RE1C
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC140-RE1C Datasheet(HTML) 61 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 61 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 61 of 107
Rev 1.01
1
0
PLLCON[19]
22.1184
MHz
4~24
MHz
PLLFOUT
111
011
010
001
4~24 MHz
32.768 kHz
4~24 MHz
HCLK
22.1184 MHz
000
1/2
1/2
1/2
CLKSEL0[5:3]
1
0
SysTick
TMR 0
ADC
UART 0-2
PDMA
ACMP
I2C 0~1
I2S
RTC
PWM 0-1
WDT
PWM 2-3
PWM 4-5
PWM 6-7
TMR 3
TMR 2
TMR 1
CPU
FMC
32.768
kHz
10 kHz
011
010
001
000
HCLK
32.768 kHz
4~24 MHz
111
011
010
001
PLLFOUT
32.768 kHz
4~24 MHz
10 kHz
22.1184 MHz
000
CLKSEL0[2:0]
SYST_CSR[2]
CPUCLK
1/(HCLK_N+1)
PCLK
CPUCLK
HCLK
11
01
00
PLLFOUT
4~24 MHz
HCLK
CLKSEL1[3:2]
External trigger
CLKSEL1[22:20]
CLKSEL1[18:16]
CLKSEL1[14:12]
CLKSEL1[10:8]
11
10
01
00
HCLK
PLLFOUT
4~24 MHz
22.1184 MHz
011
010
001
000
HCLK
4~24 MHz
22.1184 MHz
32.768 kHz
22.1184 MHz
32.768 kHz
WWDT
10 kHz
1/(ADC_N+1)
CLKSEL2[1:0]
11
10
CLKSEL1[1:0]
HCLK
1/2048
1/(UART_N+1)
22.1184 MHz
4~24 MHz
01
32.768 kHz
11
01
00
PLLFOUT
4~24 MHz
22.1184 MHz
CLKSEL1[25:24]
22.1184 MHz
10
11
01
00
PLLFOUT
4~24 MHz
HCLK
CLKSEL3[5:4]
22.1184 MHz
10
SC 2
1/(SC2_N+1)
CLKSEL3[3:2]
CLKSEL3[1:0]
SC 1
1/(SC1_N+1)
SC 0
1/(SC0_N+1)
10 kHz
22.1184 MHz
101
111
1
0
SPI0-3
SYST_CSR[2]
CPUCLK
USB
1/(USB_N+1)
PLLFOUT
11
10
01
00
HCLK
4~24 MHz
22.1184 MHz
32.768 kHz
CLKSEL2[3:2]
FDIV
BOD
10 kHz
11
10
CLKSEL2[17:16]
10 kHz
CLKSEL2[11:4]
CLKSEL1[31:28]
10 kHz
111
PS2
22.1184 MHz
EBI
Note: Before clock switching, both the pre-selected and newly
selected clock sources must be turned on and stable.
Figure 6-10 Clock Generator Global View Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn