Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC230-RE1C Fiches technique(PDF) 100 Page - Nuvoton Technology Corporation

No de pièce NUC230-RE1C
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC230-RE1C Fiches technique(HTML) 100 Page - Nuvoton Technology Corporation

Back Button NUC230-RE1C Datasheet HTML 96Page - Nuvoton Technology Corporation NUC230-RE1C Datasheet HTML 97Page - Nuvoton Technology Corporation NUC230-RE1C Datasheet HTML 98Page - Nuvoton Technology Corporation NUC230-RE1C Datasheet HTML 99Page - Nuvoton Technology Corporation NUC230-RE1C Datasheet HTML 100Page - Nuvoton Technology Corporation NUC230-RE1C Datasheet HTML 101Page - Nuvoton Technology Corporation NUC230-RE1C Datasheet HTML 102Page - Nuvoton Technology Corporation NUC230-RE1C Datasheet HTML 103Page - Nuvoton Technology Corporation NUC230-RE1C Datasheet HTML 104Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 100 of 107
Rev 1.01
8.4.8
USB PHY Specification
USB DC Electrical Characteristics
8.4.8.1
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIH
Input High (driven)
2.0
V
VIL
Input Low
0.8
V
VDI
Differential Input Sensitivity
|PADP-PADM|
0.2
V
VCM
Differential
Common-mode Range
Includes VDI range
0.8
2.5
V
VSE
Single-ended Receiver Threshold
0.8
2.0
V
Receiver Hysteresis
200
mV
VOL
Output Low (driven)
0
0.3
V
VOH
Output High (driven)
2.8
3.6
V
VCRS
Output Signal Cross Voltage
1.3
2.0
V
RPU
Pull-up Resistor
1.425
1.575
VTRM
Termination Voltage for Upstream
Port Pull-up (RPU)
3.0
3.6
V
ZDRV
Driver Output Resistance
Steady state drive*
10
Ω
CIN
Transceiver Capacitance
Pin to GND
20
pF
*Driver output resistance doesn’t include series resistor resistance.
USB Full-Speed Driver Electrical Characteristics
8.4.8.2
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
TFR
Rise Time
CL=50p
4
20
ns
TFF
Fall Time
CL=50p
4
20
ns
TFRFF
Rise and Fall Time Matching
TFRFF=TFR/TFF
90
111.11
%
USB Power Dissipation
8.4.8.3
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IVBUS
VBUS Current
(Steady State)
Standby
50
μA


Numéro de pièce similaire - NUC230-RE1C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC230-LC1C NUVOTON-NUC230-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC1E NUVOTON-NUC230-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC1N NUVOTON-NUC230-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC2C NUVOTON-NUC230-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC2C NUVOTON-NUC230-LC2C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC230-RE1C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com