Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-RB3C Fiches technique(PDF) 61 Page - Nuvoton Technology Corporation

No de pièce NUC130-RB3C
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-RB3C Fiches technique(HTML) 61 Page - Nuvoton Technology Corporation

Back Button NUC130-RB3C Datasheet HTML 57Page - Nuvoton Technology Corporation NUC130-RB3C Datasheet HTML 58Page - Nuvoton Technology Corporation NUC130-RB3C Datasheet HTML 59Page - Nuvoton Technology Corporation NUC130-RB3C Datasheet HTML 60Page - Nuvoton Technology Corporation NUC130-RB3C Datasheet HTML 61Page - Nuvoton Technology Corporation NUC130-RB3C Datasheet HTML 62Page - Nuvoton Technology Corporation NUC130-RB3C Datasheet HTML 63Page - Nuvoton Technology Corporation NUC130-RB3C Datasheet HTML 64Page - Nuvoton Technology Corporation NUC130-RB3C Datasheet HTML 65Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 61 -
Revision V2.03
SPECIFICATION
PARAMETER
SYM.
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
IDD8
12
mA
VDD = 3 V@12 MHz,
disable all IP and disable PLL,
XTAL=12 MHz
IDD9
VDD = 5
enable all IP and disable PLL,
XTAL=4 MHz
15
mA
V@4 MHz,
I
0
11
mA disable all IP and disable PLL,
TAL=4 MHz
DD1
VDD = 5 V@4 MHz,
X
I 11
13
mA
VDD = 3 V@4 MHz,
a
and disable PLL,
DD
en ble all IP
XTAL=4 MHz
Operating Current
de
@ 4 MHz
m
VDD = 3 V@4 MHz,
isable all IP and disable PLL,
XTAL=4 MHz
Normal Run Mo
IDD12
9
A d
IIDLE1
38
mA
DD= 5.5 V@50 MHz,
enable all IP and PLL, XTAL=12
V
MHz
IIDLE2
15
mA disable all IP and enable PLL,
VDD=5.5 V@50 MHz,
XTAL=12 MHz
IIDLE3
35
mA enable all IP and PLL, XTAL=12
VDD = 3 V@50 MHz,
MHz
Operating Current
Idle Mode
IIDLE4
13
mA disable all IP and enable PLL,
@ 50 MHz
VDD = 3 V@50 MHz,
XTAL=12 MHz
IIDLE5
13
mA enable all IP and disable PLL,
VDD = 5.5 V@12 MHz,
XTAL=12 MHz
IIDLE6
5.5
mA disable all IP and disable PLL,
VDD = 5.5 V@12 MHz,
XTAL=12 MHz
Operating Current
Idle Mode
IIDLE7
12
mA enable all IP and disable PLL,
@ 12 MHz
VDD = 3 V@12 MHz,
XTAL=12 MHz


Numéro de pièce similaire - NUC130-RB3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-RB3C NUVOTON-NUC130-RB3C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC130-RB3C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com