Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC140-LB3C Datasheet(Fiches technique) 13 Page - Nuvoton Technology Corporation

Numéro de pièce NUC140-LB3C
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC140-LB3C Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
NUC 1 0
-X X
ARM-Based
32-bit Microcontroller
0: Advance Line
2: USB Line
3: Automotive Line
4: Connectivity Line
CPU core
1:
Cortex-M0
5/7: ARM7
9:
ARM9
Temperature
N: -40
~ +85
E: -40
~ +105
C: -40
~ +125
Reserve
X X
Function
0
Package Type
Y: QFN 36
L: LQFP 48
R: LQFP 64
V: LQFP 100
X
RAM Size
1: 4K
2: 8K
3: 16K
APROM Size
A: 8K
B: 16K
C: 32K
D: 64K
E: 128K
Figure 3-1 NuMicro
™ NUC100 Series selection code
Publication Release Date: Jan. 2, 2012
- 13 -
Revision V2.03


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn