Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC140-RA3C Fiches technique(PDF) 45 Page - Nuvoton Technology Corporation

No de pièce NUC140-RA3C
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC140-RA3C Fiches technique(HTML) 45 Page - Nuvoton Technology Corporation

Back Button NUC140-RA3C Datasheet HTML 41Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 42Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 43Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 44Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 45Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 46Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 47Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 48Page - Nuvoton Technology Corporation NUC140-RA3C Datasheet HTML 49Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 45 -
Revision V2.03
ce (SPI)
ensity contains two sets of SPI controller only.
5.9.
ensity
Up to two sets of SPI controller for NuMicro
™ NUC100/NUC120 Low Density
ter or slave mode operation
rable word numbers up to 2
ach data transfer
it/receive can be transferred up to two times word
irst transfer
de, but 1 device/slave select line in slave mode
clock frequency in master mode
in master mode
nsmitter and another for receiver
5.9
Serial Peripheral Interfa
5.9.1
Overview
The Serial Peripheral Interface (SPI) is a synchronous serial data communication protocol which
operates in full duplex mode. Devices communicate in master/slave mode with 4-wire bi-direction
interface. The NuMicro
™ NUC100/NUC120 Medium Density contains up to four sets of SPI
controller performing a serial-to-parallel conversion on data received from a peripheral device,
and a parallel-to-serial conversion on data transmitted to a peripheral device. Each set of SPI
controller can be set as a master that can drive up to 2 external peripheral slave devices; it also
can be configured as a slave device controlled by an off-chip master device. NuMicro
NUC100/NUC120 Low D
This controller supports a variable serial clock for special application and it also supports 2-bit
transfer mode to connect 2 off-chip slave devices at the same time. The SPI controller also
supports PDMA function to access the data buffer.
2
Features
Up to four sets of SPI controller for NuMicro
™ NUC100/NUC120 Medium D
Support mas
Support 1-bit or 2-bit transfer mode
Configurable bit length up to 32-bit of a transfer word and configu
of a transaction, so the maximum bit length is 64-bit for e
Provide burst mode operation, transm
transaction in one transfer
Support MSB or LSB f
2 device/slave select lines in master mo
Support byte reorder function
Support byte or word suspend mode
Variable output serial
Support two programmable serial clock frequencies
Support two channel PDMA request, one for tra


Numéro de pièce similaire - NUC140-RA3C

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC140-RA3C NUVOTON-NUC140-RA3C Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC140-RA3C

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com