Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NOS-110 Datasheet(Fiches technique) 3 Page - Eaton All Rights Reserved.

Numéro de pièce NOS-110
Description  250 V NON/600 V NOS Class K5 and H fuses
Télécharger  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo 

NOS-110 Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data 1030
Effective June 2017
250 V NON/600 V NOS Class K5 and H fuses
Eaton.com/bussmannseries
Description
Basic protection 600 V NOS Class K5 and H general purpose, non-
current-limiting, one-time fuses.
Catalog symbol
NOS-(amp)
Ratings
Volts 600 Vac
Amps 1-600 A
IR
50 kA Vac RMS Sym. (1-60 A)
10 kA Vac RMS Sym. (70-600 A)
Agency information
UL Listed, Class K5 (1-60 A), Std. 248-9, Class H (70-600 A),
Std. 248-6, UL Guide JDDZ, File E4273
CSA Certified, Class 1421-01, File 53787
CE
Catalog Numbers (amps)
NOS-1
NOS-9
NOS-40
NOS-100
NOS-300
NOS-2
NOS-10
NOS-45
NOS-110
NOS-350
NOS-3
NOS-12
NOS-50
NOS-125
NOS-400
NOS-4
NOS-15
NOS-60
NOS-150
NOS-450
NOS-5
NOS-20
NOS-70
NOS-175
NOS-500
NOS-6
NOS-25
NOS-75
NOS-200
NOS-600
NOS-7
NOS-30
NOS-80
NOS-225
NOS-8
NOS-35
NOS-90
NOS-250
Carton Quantity
Amps
Qty.
1–60
10
70–100
5
110–600
1
Dimensions – in
Features
Protect lighting, heating and other circuits not subject to
temporary surges and where available short-circuit currents are
relatively low
NOS one-time fuses do not have any appreciable degree of
timedelay and thus should not be specified in circuits where
large transients or motor overloads occur. Use Bussmann series
advanced protection FUSETRON FRS-R or ultimate protection
Low-Peak LPS-RK dual-element, time-delay fuses.
For general purpose circuits, size at amp rating of circuit
For motor circuits, size at 300% to 400% according to the NEC®
motor ampacity tables 430.247 to 430.250, per 430.6(A)(1)
Recommended fuse blocks
1-, 2- and 3-pole modular fuse blocks up to 600 amps — see data
sheet no. 10487
1-, 2- and 3-pole modular power distribution fuse blocks up to 60
amps — see data sheet no. 10490
Fuse reducers for Class R fuses
Equipment fuse
clips
Desired fuse
(case) size
Catalog no. (pairs) 600V
60 A
30 A
NO.663
100 A
30 A
NO.216
60 A
NO.616
200 A
60 A
NO.626
100 A
NO.2621
400 A
100 A
NO.2641
200 A
NO.2642
600 A
100 A
NO.2661
200 A
NO.2662
400 A
NO.2664
† Not CSA certified.
For additional information on Class R fuse reducers, see data sheet
no 1118.
0.81" (± 0.008)
5" (± 0.031)
1.06" (± 0.008)
5.5" (± 0.031)
1 to 30A
35 to 60A
1.34"
7.9" (± 0.062)
70 to 100A
3.13"
13.38" ( 0.094)
450 to 600A
2.59"
11.63" (± 0.094)
225 to 400A
1.84"
9.63" (± 0.062)
110 to 200A
All Diameters ± 0.008


Html Pages

1  2  3  4 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn