Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCFH225N Fiches technique(PDF) 3 Page - Eaton All Rights Reserved.

No de pièce TCFH225N
Description  UL Class CF CUBEFuse holders
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TCFH225N Fiches technique(HTML) 3 Page - Eaton All Rights Reserved.

  TCFH225N Datasheet HTML 1Page - Eaton All Rights Reserved. TCFH225N Datasheet HTML 2Page - Eaton All Rights Reserved. TCFH225N Datasheet HTML 3Page - Eaton All Rights Reserved. TCFH225N Datasheet HTML 4Page - Eaton All Rights Reserved. TCFH225N Datasheet HTML 5Page - Eaton All Rights Reserved. TCFH225N Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Technical Data 9007
Effective March 2019
UL Class CF CUBEFuse holders
Eaton.com/bussmannseries
200, 225 and 400 A CUBEFuse holder fuse applications
Holder catalog no.
Volts
CUBEFuse amp range
TCFH200N
600 Vac/300 Vdc
110-200
TCFH225N
110-225
TCFH400N
110-400*
* Achieving 400 A continuous current requires three ganged holders
and installed lug catalog number CCP2-L4B-3 to permit the necessary
copper conductor size.
Available lug kits
For complete installation, the 200, 225 and 400 A CUBEFuse holders
require lugs. The table below contains the information necessary for
ordering the desired lug kit for the application.
Accessories
Catalog no.
Holder
amps
Description
CCP2-TS2-3
200/225
3-pole terminal shroud
CCP2-PB2
Phase barriers (pack of 2)
CCP2-CWK2
1/4” QC terminals. Use with CCP2-L2-1A,
CCP2-MW2-3 and CCP2-MW2-6 lugs (pack of 12)
CCP2-TS6-3
400
3-pole terminal shroud
CCP2-PB6
Phase barriers (pack of 2)
Recommended Bussmann series fuses
Type
Amp range
Data sheet
Time-delay indicating Low-Peak
110-400 A
9000
Time-delay non-indicating Low-Peak
Available lugs, conductor ratings and terminal torques
Catalog no.
Description
Lugs per
cat. no.
Wire range
AWG (mm2)
Wire type/
temp.
Conductor
torque N•m
(lb-in)
Lug mounting screw
torque N•m (lb-in)
200/225 A holders
CCP2-L2-1
Stainless steel lug
1
350-4 (185-25)
Cu 75°C
20.3 (180)
0.9 (8)
CCP2-L2-1A
Aluminum lug*
1
350-4 (185-25)
Cu/Al 75°C
28.2 (250)
13.5 (120)
CCP2-MW2-3
3-port multi-wire terminal with shroud*†
3
2-14 (35-2.5)
Cu/Al 75°C
7.9 (70)
10.8 (95)
CCP2-MW2-6
6-port multi-wire terminal with shroud*†
3
6-14 (16-2.5)
Cu/Al 75°C
2.8 (25)
10.8 (95)
* These lugs also accept 1/4” quick connect control wire terminals. Order catalog number CCP2-CWK2 (package of 12 terminals).
400 A holders
CCP2-L4-1
Stainless steel lug
1
500-3 (240-35)
Cu 75°C
42.0 (375)
22.0 (200)
CCP2-L4-1A
Aluminum lug
1
500-3 (240-35)
Cu/Al 75°C
42.0 (375)
CCP2-L4B-3
Stainless steel lug kit with shroud†
3
750-500 (400-240)
Cu 75°C
57.0 (500)
CCP2-L4B-3A
Aluminum lug kit with shroud†
3
750-500 (400-240)
Cu/Al 75°C
62.0 (550)
CCP2-L6-3
2-port stainless steel lug kit with shroud
3
(2) 500-2 (240-35)
Cu 75°C
42.0 (375)
CCP2-L6-3A
2-port aluminum lug kit with shroud
3
(2) 500-2 (240-35)
Cu/Al 75°C
42.0 (375)
CCP2-MW6-6
6-port multi-wire terminal with shroud†
3
1/0-14 (50-2.5)
Cu/Al 75°C
10-14 = 3.9 (35)
8 = 4.5 (40)
4-6 = 5.0 (45
1/0-2 = 5.6 (50)
† This is a lug kit with three lugs and a shroud for installation on three ganged CUBEFuse holders.
Carton quantity
Catalog no.
Description
Qty.
200/225 A holders
TCFH200N
1-pole 200 A holder
1
TCFH225N
1-pole 225 A holder
1
CCP2-L2-1
Stainless steel lug
1
CCP2-L2-1A
Aluminum lug
1
CCP2-MW2-3
3-port multi-wire terminal with shroud
3
CCP2-MW2-6
6-port multi-wire terminal with shroud
3
CCP2-CWK2
1/4” quick connect control wire terminals
12
CCP2-TS2-3
3-pole terminal shroud
1
CCP2-PB2
Phase barriers (pack of 2)
2
400 A holders
TCFH400N
1-pole 400 A holder
1
CCP2-L4-1
Stainless steel lug
1
CCP2-L4-1A
Aluminum lug
1
CCP2-L4B-3
Aluminum lug kit with shroud
3
CCP2-L4B-3A
Aluminum lug kit with shroud
3
CCP2-MW6-6
6-port multi-wire terminal with shroud
3
CCP2-TS6-3
3-pole terminal shroud
1
CCP2-PB6
Phase barriers (pack of 2)
2
Lug
Terminal shroud
All 200, 225 and 400 amp holders
require installing lugs. Only
three ganged holders can accept
terminal shrouds. See table below.


Numéro de pièce similaire - TCFH225N

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
TCFH100N COOPER-TCFH100N Datasheet
217Kb / 2P
   Fuse Holders for Low-Peak CUBEFuse
TCFH30N COOPER-TCFH30N Datasheet
217Kb / 2P
   Fuse Holders for Low-Peak CUBEFuse
TCFH60N COOPER-TCFH60N Datasheet
217Kb / 2P
   Fuse Holders for Low-Peak CUBEFuse
More results

Description similaire - TCFH225N

FabricantNo de pièceFiches techniqueDescription
logo
Eaton All Rights Reserv...
FCF-RN EATON-FCF-RN Datasheet
805Kb / 2P
   Fast-acting UL Class CF CUBEFuse
TCF EATON-TCF Datasheet
1Mb / 6P
   UL Class CF branch circuit time-delay CUBEFuse
logo
Cooper Bussmann, Inc.
TCFH30N COOPER-TCFH30N Datasheet
217Kb / 2P
   Fuse Holders for Low-Peak CUBEFuse
HEZ-AA COOPER-HEZ-AA Datasheet
600Kb / 4P
   HEZ breakaway and non-breakaway in-line rejection fuse holders for UL Class CC fuses
logo
Eaton All Rights Reserv...
CF36 EATON-CF36 Datasheet
545Kb / 6P
   CUBEFuse safety switch
logo
Cooper Bussmann, Inc.
CF361FGKW COOPER-CF361FGKW Datasheet
545Kb / 6P
   CUBEFuse safety switch
FCF1RN COOPER-FCF1RN Datasheet
201Kb / 2P
   Fast-Acting CUBEFuse
logo
List of Unclassifed Man...
CF361FGKW ETC1-CF361FGKW Datasheet
545Kb / 6P
   CUBEFuse safety switch
logo
Littelfuse
LFPSJ LITTELFUSE-LFPSJ_V01 Datasheet
235Kb / 1P
   LFPSJ POWR-SAFE DEAD FRONT CLASS J FUSE HOLDERS
Rev: 100719
logo
CIT Relay & Switch
J123F CIT-J123F Datasheet
130Kb / 2P
   UL F class rated standard
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com