Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPCH4256B-NnnV-QL01x Fiches technique(PDF) 16 Page - Generalplus Technology Inc.

No de pièce GPCH4256B-NnnV-QL01x
Description  4-channel Sound Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCH4256B-NnnV-QL01x Fiches technique(HTML) 16 Page - Generalplus Technology Inc.

Back Button GPCH4256B-NnnV-QL01x Datasheet HTML 12Page - Generalplus Technology Inc. GPCH4256B-NnnV-QL01x Datasheet HTML 13Page - Generalplus Technology Inc. GPCH4256B-NnnV-QL01x Datasheet HTML 14Page - Generalplus Technology Inc. GPCH4256B-NnnV-QL01x Datasheet HTML 15Page - Generalplus Technology Inc. GPCH4256B-NnnV-QL01x Datasheet HTML 16Page - Generalplus Technology Inc. GPCH4256B-NnnV-QL01x Datasheet HTML 17Page - Generalplus Technology Inc. GPCH4256B-NnnV-QL01x Datasheet HTML 18Page - Generalplus Technology Inc. GPCH4256B-NnnV-QL01x Datasheet HTML 19Page - Generalplus Technology Inc. GPCH4256B-NnnV-QL01x Datasheet HTML 20Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
GPCH4256B
© Generalplus Technology Inc.
Proprietary & Confidential
16
JAN. 19, 2009
Version: 1.0
8.3. Current Mode DAC Speaker Driver
VDD
RB1
8050
32
Ω ~ 64 Ω
RB1: 10K ~ 50K
RB2: 820 ~ 1.5K
C1: 0.1
μ F ~ 1μ F
RB2
DACOL
VDD
C1
RB1
8050
4
Ω ~ 8 Ω
C1: 0.1
μ F ~ 1μ F
RB1: 680 ~ 1.5K
DACOL
VDD
C1
RB1
8050
4
Ω ~64 Ω
DACOL
C2
VDD
C1
RB1
8050
4
Ω ~8 Ω
DACOL
C2
Enable
RB2
RB2
RB1: 2K~10K C1: 1
μ F~10 μ F
RB2: ~ 1K
VDD
RB1
8050
4
Ω ~64 Ω
RB1: ~ 360
Ω (Vol)
RE1: ~ 4.7
Ω
DACOL
RE1
1N4148
Figure 5
Figure 2
Figure 3
Figure 4
Figure 1
C1
RB1: 2K~10K C1: 1
μ F~10 μ F
RB2: ~ 1K
C2: ~ 0.1
μ F
C2: ~ 0.1
μ F
Figure 1
: The simplest CKT uses with low impedance speaker. It has high operation current, but the cost is the cheapest.
Figure 2
: It is the same as Figure 1 but a high impedance speaker is used.
Figure 3
: The CKT has low pass filter. It can provide higher speech quality, but it always takes high operation current.
Figure 4
: Improved version of Figure 3. The standby current can be controlled by enable pin.
Figure 5
: The current mirror mode. It is able to control the volume. In addition, it has more stable and lower operation current than Figure 1-3.


Numéro de pièce similaire - GPCH4256B-NnnV-QL01x

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCH4384A GENERALPLUS-GPCH4384A Datasheet
500Kb / 20P
   4-channel Sound Controller with 384K Bytes ROM
GPCH4384A-NnnV-C GENERALPLUS-GPCH4384A-NnnV-C Datasheet
500Kb / 20P
   4-channel Sound Controller with 384K Bytes ROM
GPCH4384A-NnnV-QL01x GENERALPLUS-GPCH4384A-NnnV-QL01x Datasheet
500Kb / 20P
   4-channel Sound Controller with 384K Bytes ROM
GPCH4384A-NnnV-QL09x GENERALPLUS-GPCH4384A-NnnV-QL09x Datasheet
500Kb / 20P
   4-channel Sound Controller with 384K Bytes ROM
GPCH4512A GENERALPLUS-GPCH4512A Datasheet
585Kb / 20P
   4-channel Sound Controller
More results

Description similaire - GPCH4256B-NnnV-QL01x

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCH4512A GENERALPLUS-GPCH4512A Datasheet
585Kb / 20P
   4-channel Sound Controller
GPCD9001A GENERALPLUS-GPCD9001A Datasheet
697Kb / 21P
   8-Channel Sound Controller
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPCH8501A GENERALPLUS-GPCH8501A Datasheet
701Kb / 20P
   8-Channel Sound Controller
GPCH8512A GENERALPLUS-GPCH8512A Datasheet
665Kb / 20P
   8-Channel Sound Controller
GPCH8A24A GENERALPLUS-GPCH8A24A Datasheet
562Kb / 19P
   8-Channel Sound Controller
GPCH8256B GENERALPLUS-GPCH8256B Datasheet
592Kb / 20P
   8-Channel Sound Controller
GPCH4384A GENERALPLUS-GPCH4384A Datasheet
500Kb / 20P
   4-channel Sound Controller with 384K Bytes ROM
GPCH4768A GENERALPLUS-GPCH4768A Datasheet
640Kb / 19P
   4-channel Sound Controller with 768K Bytes ROM
GPCD9341A GENERALPLUS-GPCD9341A Datasheet
745Kb / 21P
   Multi--Channel Sound Controller (OTP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com