Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPCE063A-NnnV-C Fiches technique(PDF) 24 Page - Generalplus Technology Inc.

No de pièce GPCE063A-NnnV-C
Description  16-Bit Sound Controller with 32K X 16 Flash Memory
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPCE063A-NnnV-C Fiches technique(HTML) 24 Page - Generalplus Technology Inc.

Back Button GPCE063A-NnnV-C Datasheet HTML 20Page - Generalplus Technology Inc. GPCE063A-NnnV-C Datasheet HTML 21Page - Generalplus Technology Inc. GPCE063A-NnnV-C Datasheet HTML 22Page - Generalplus Technology Inc. GPCE063A-NnnV-C Datasheet HTML 23Page - Generalplus Technology Inc. GPCE063A-NnnV-C Datasheet HTML 24Page - Generalplus Technology Inc. GPCE063A-NnnV-C Datasheet HTML 25Page - Generalplus Technology Inc. GPCE063A-NnnV-C Datasheet HTML 26Page - Generalplus Technology Inc. GPCE063A-NnnV-C Datasheet HTML 27Page - Generalplus Technology Inc. GPCE063A-NnnV-C Datasheet HTML 28Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
GPCE063A
© Generalplus Technology Inc.
Proprietary & Confidential
24
Oct. 04, 2013
Version: 1.8
8.5. Application Circuit (5)
GPCE063A
RESET
RESET
Speaker
DAC
IOA[15:0]
IOA[15:0]
IOB[15:8]
IOB[15:8]
0.1uF
0.1uF
10uF
VDDIO
VSSIO
VMIC
MICP
MICN
AGC
0.1uF
VADREF
OPI
MICOUT
X32I
X32O
32768Hz
20pF*
VCOIN
VDDH(5.0v)
3.3K
3300pF
0.1uF
20pF*
4.7uF
2K
5000pF
VDDH(5.0v)
1K
IOB[7:0]
IOB[7:0]
( 8-Channel Line In )
AVDD
AVSS
0.1uF
10uF
VDD
VSS
VDD(3.3v)
GPY0029B
VDDH(5.0v)
GPCE063A Application Circuit(LINE_IN and with BJT amplifier,for 3-battery use only)
Note*: These capacitor values are for design guidance only. The recommended 32K XTAL features are ESR=11.2~35K and CL1=CL2 =20~30pF (including
PCB parasitic loading, for example, user should apply additional 14~24pF on X32I and X32O if PCB parasitic loading is 6pF)


Numéro de pièce similaire - GPCE063A-NnnV-C

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCE060A GENERALPLUS-GPCE060A Datasheet
249Kb / 26P
   16-Bit Sound Controller with 32K x 16 ROM
GPCE060A-NnnV-C GENERALPLUS-GPCE060A-NnnV-C Datasheet
249Kb / 26P
   16-Bit Sound Controller with 32K x 16 ROM
GPCE060A-NnnV-HL04n-W GENERALPLUS-GPCE060A-NnnV-HL04n-W Datasheet
249Kb / 26P
   16-Bit Sound Controller with 32K x 16 ROM
GPCE061A GENERALPLUS-GPCE061A Datasheet
2Mb / 29P
   16-Bit Sound Controller With 32K X 16 Fla sh Memory
GPCE061A-NnnV-C GENERALPLUS-GPCE061A-NnnV-C Datasheet
2Mb / 29P
   16-Bit Sound Controller With 32K X 16 Fla sh Memory
More results

Description similaire - GPCE063A-NnnV-C

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCE061A GENERALPLUS-GPCE061A Datasheet
2Mb / 29P
   16-Bit Sound Controller With 32K X 16 Fla sh Memory
GPCE001A GENERALPLUS-GPCE001A Datasheet
643Kb / 25P
   16-bit Sound Controller with 256K x 16 Flash Memory
GPCE2P064A GENERALPLUS-GPCE2P064A Datasheet
874Kb / 24P
   16-bit Sound Controller with 32K X 16 OPT
GPCE060A GENERALPLUS-GPCE060A Datasheet
249Kb / 26P
   16-Bit Sound Controller with 32K x 16 ROM
GPCE2064A GENERALPLUS-GPCE2064A Datasheet
873Kb / 24P
   16-bit Sound Controller with 32K X 16 ROM
GPCE064A GENERALPLUS-GPCE064A Datasheet
3Mb / 25P
   16-bit Sound Controller With 32K X 16 RO M
GPCE2048A GENERALPLUS-GPCE2048A Datasheet
861Kb / 24P
   16-bit Sound Controller with 24K X 16 ROM
GPCE040A GENERALPLUS-GPCE040A Datasheet
313Kb / 26P
   16-bit Sound Controller with 24K x 16 ROM
GPCE2064C GENERALPLUS-GPCE2064C Datasheet
865Kb / 24P
   16-bit Sound Controller With 32 K x 16 ROM
GPCE048A GENERALPLUS-GPCE048A Datasheet
3Mb / 25P
   16-bit Sound Controller With 24K X 16 RO M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com