Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HEB-LW-RYA Fiches technique(PDF) 1 Page - Eaton All Rights Reserved.

No de pièce HEB-LW-RYA
Description  HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

HEB-LW-RYA Fiches technique(HTML) 1 Page - Eaton All Rights Reserved.

  HEB-LW-RYA Datasheet HTML 1Page - Eaton All Rights Reserved. HEB-LW-RYA Datasheet HTML 2Page - Eaton All Rights Reserved. HEB-LW-RYA Datasheet HTML 3Page - Eaton All Rights Reserved. HEB-LW-RYA Datasheet HTML 4Page - Eaton All Rights Reserved. HEB-LW-RYA Datasheet HTML 5Page - Eaton All Rights Reserved. HEB-LW-RYA Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 2127
Effective January 2019
Supersedes April 2017
BUSSMANN
SERIES
HEB breakaway and non-breakaway
in-line fuse holders for UL 13/32” x 1-1/2”
supplemental fuses
Catalog Symbol: HEB*
Description
The Bussmann™ series of HEB submersible,
single-pole in-line fuse holders for UL 13/32”
x 1-1/2” supplemental fuses. Available in non-
breakaway and breakaway versions with an array
of terminal options to meet application needs.
Breakaway versions come with insulating boots to
provide submersibility per UL IP67. Non-breakaway
versions require ordering optional insulating boots
for submersibility.
Recommended fuses
BAF, FNM, FNQ, KLM and KTK
Ratings
Volts:
600 V
Amps:
up to 30 A limited by conductor size
Withstand: 200 kA RMS Sym.
Agency information
UL® Recognized, Guide IZLT2, File E14853
CSA® Certified, Class 622501, File 47235
CE, RoHS compliant
Coupling nut torque
10-20 lb-In (1.1-2.2 N•m)
Operating and storage temperature
-40°F (-40°C) to 221°F (105°C)
Insulating boots
Two insulating boots come standard with the
breakaway holder configurations. Insulating boots
are not included as standard with non-breakaway
holders. Two insulating boots must be ordered
separately, if required, for each non-breakaway
holder ordered. When insulating boots are utilized,
extra heat retention requires that fuses are sized
at a minimum of 200% of the RMS load current.
Installation instructions
Strip wire insulation equal to the depth of the
crimp or screw terminal. Torque screw terminal to
35 lb-In (3.9 N•m) or crimp terminal twice, spacing
crimps a distance of one-third from each end (as
shown below) using an appropriate crimp tool and
die. See page 5 for recommended crimping tools.
Related products:
Catalog
no.
Description
Data
sheet no.
HEX
Two-pole supplemental in-line
fuse holder
2126
HEZ
One-pole Class CC in-line
fuse holder
2130
HEY
Two-pole Class CC in-line
fuse holder
2126
HET
One-pole in-line, permanently
installed neutral
2125
NNB
13/32” x 1-1/2” neutral
dummy link (not a fuse)
* The Bussmann series HEB in-line fuse holders are the legacy
Bussmann TRON™ HEB in-line fuse holders.
† See terminal data tables for exceptions.
Strip wire insulation
to depth of terminal
Crimp terminal twice
at locations 1/3 distance
from each end
Use these part numbers to order insulating
boots for a non-breakaway HEB holder
Description
Catalog no.
Single conductor
2A0660
Dual conductor
2A0661
Boot reference
4.1
(104)
4.7
(119)
1.3
(ø33)
0.8
(ø20)


Numéro de pièce similaire - HEB-LW-RYA

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
HEB-LW-RYA COOPER-HEB-LW-RYA Datasheet
841Kb / 6P
   HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
More results

Description similaire - HEB-LW-RYA

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
HEB-AA COOPER-HEB-AA Datasheet
841Kb / 6P
   HEB breakaway and non-breakaway in-line fuse holders for UL 13/32??x 1-1/2??supplemental fuses
logo
List of Unclassifed Man...
2A0660 ETC1-2A0660 Datasheet
1Mb / 6P
   HEB breakaway and non-breakaway in-line fuse holders
logo
Cooper Bussmann, Inc.
HEZ-AA COOPER-HEZ-AA Datasheet
600Kb / 4P
   HEZ breakaway and non-breakaway in-line rejection fuse holders for UL Class CC fuses
logo
List of Unclassifed Man...
HEZ-AA ETC1-HEZ-AA Datasheet
600Kb / 4P
   HEZ breakaway and non-breakaway in-line rejection fuse holders
logo
Cooper Bussmann, Inc.
KTK-45 COOPER-KTK-45 Datasheet
374Kb / 2P
   13/32 x 1-1/2 600Vac Fast-acting supplemental fuses
FNM-25 COOPER-FNM-25 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNQ-2 COOPER-FNQ-2 Datasheet
373Kb / 2P
   13/32 x 1-1/2 500Vac Time-delay supplemental fuses
FNM-3 COOPER-FNM-3 Datasheet
378Kb / 3P
   13/32 x 1-1/2 250Vac Time-delay supplemental fuses
FNQ-8-10 COOPER-FNQ-8-10 Datasheet
373Kb / 2P
   13/32 x 1-1/2 500Vac Time-delay supplemental fuses
KLM-20 COOPER-KLM-20 Datasheet
391Kb / 2P
   13/32 x 1-1/2 600Vac/dc Fast-acting supplemental fuses
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com