Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC120-LD2C Datasheet(Fiches technique) 39 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-LD2C
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-LD2C Datasheet(HTML) 39 Page - Nuvoton Technology Corporation

Back Button NUC120-LD2C Datenblatt HTML 35Page - Nuvoton Technology Corporation NUC120-LD2C Datenblatt HTML 36Page - Nuvoton Technology Corporation NUC120-LD2C Datenblatt HTML 37Page - Nuvoton Technology Corporation NUC120-LD2C Datenblatt HTML 38Page - Nuvoton Technology Corporation NUC120-LD2C Datasheet HTML 39Page - Nuvoton Technology Corporation NUC120-LD2C Datenblatt HTML 40Page - Nuvoton Technology Corporation NUC120-LD2C Datenblatt HTML 41Page - Nuvoton Technology Corporation NUC120-LD2C Datenblatt HTML 42Page - Nuvoton Technology Corporation NUC120-LD2C Datenblatt HTML 43Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 39 -
Revision V2.03
A, GPIOB, GPIOC, GPIOD and GPIOE. Each port equips maximum
GPIOE with 1 pins PE.5.
5.5.
h edge/level setting
High driver and high sink IO mode support
5.5
General Purpose I/O (GPIO)
5.5.1
Overview
NuMicro
™ NUC100/NUC120 Medium Density has up to 80 General Purpose I/O pins can be
shared with other function pins; it depends on the chip configuration. These 80 pins are arranged
in 5 ports named with GPIO
16 pins. Each one of the 80 pins is independent and has the corresponding register bits to control
the pin mode function and data.
NuMicro
™ NUC100/NUC120 Low Density has up to 65 General Purpose I/O pins can be shared
with other function pins; it depends on the chip configuration and package. These 65 pins are
arranged in 4 ports named with GPIOA, GPIOB, GPIOC and GPIOD with each port equips
maximum 16 pins and another port named
The I/O type of each of I/O pins can be configured by software individually as input, output, open-
drain or quasi-bidirectional mode. After reset, the I/O type of all pins stay in quasi-bidirectional
mode and port data register GPIOx_DOUT[15:0] resets to 0x0000_FFFF. Each I/O pin equips a
very weakly individual pull-up resistor which is about 110K
Ω~300KΩ for VDD is from 5.0 V to 2.5
V.
2
Features
Four I/O modes:
Quasi bi-direction
Push-Pull output
Open-Drain output
Input only with high impendence
TTL/Schmitt trigger input selectable
I/O pin can be configured as interrupt source wit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn