Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC71P016A-HS031 Fiches technique(PDF) 8 Page - Generalplus Technology Inc.

No de pièce GPC71P016A-HS031
Description  4-bit Speech with SPU
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC71P016A-HS031 Fiches technique(HTML) 8 Page - Generalplus Technology Inc.

Back Button GPC71P016A-HS031 Datasheet HTML 4Page - Generalplus Technology Inc. GPC71P016A-HS031 Datasheet HTML 5Page - Generalplus Technology Inc. GPC71P016A-HS031 Datasheet HTML 6Page - Generalplus Technology Inc. GPC71P016A-HS031 Datasheet HTML 7Page - Generalplus Technology Inc. GPC71P016A-HS031 Datasheet HTML 8Page - Generalplus Technology Inc. GPC71P016A-HS031 Datasheet HTML 9Page - Generalplus Technology Inc. GPC71P016A-HS031 Datasheet HTML 10Page - Generalplus Technology Inc. GPC71P016A-HS031 Datasheet HTML 11Page - Generalplus Technology Inc. GPC71P016A-HS031 Datasheet HTML 12Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
GPC71PXXXA
© Generalplus Technology Inc.
Proprietary & Confidential
8
Dec. 20, 2016
Version: 1.2
8 ELECTRICAL SPECIFICATIONS
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 7.0V
Input Voltage Range
VIN
(VSS-0.3V) to (V+ + 0.3V)
Operating Temperature
TA
0℃ to +70℃
Storage Temperature
TSTO
-65℃ to +150℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause permanent damage to the device.
For normal operational conditions, see
DC Electrical Characteristics.
8.1
DC Characteristics (VDD = 3/4.5V (IOA ~ IOD), TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Operating Voltage
VDD
2.0
-
5.5
V
Operating Current
IOP
-
1.5
-
mA
FCPU = 2MHz @ 3.0V, PWM output off
For GPC71P080A/064A/048A/
032A/016A
-
2
-
mA
FCPU = 2MHz @ 4.5V, PWM output off
For GPC71P080A/064A/048A/
032A/016A
-
5
-
mA
FCPU = 2MHz @ 3.0V, PWM output off
For GPC71P340A/170A
-
6
-
mA
FCPU = 2MHz @ 4.5V, PWM output off
For GPC71P340A/170A
Standby Current
ISTBY
-
-
5
uA
VDD = 3.0V
-
-
5
uA
VDD = 4.5V
GPIO Input High Level
(IOA, IOB, IOC, IOD)
VIH
0.5VDD
-
-
V
VDD = 4.5V
GPIO Input Low Level
(IOA, IOB, IOC, IOD)
VIL
-
-
0.5VDD
V
VDD = 4.5V
Output High Current
(IOA, IOB, IOC, IOD)
IOH
-
10
-
mA
VDD = 3.0V, VOH = 0.7*VDD
-
20
-
mA
VDD = 4.5V, VOH = 0.7*VDD
Output Low Current
(Normal)
IOL1
-
10
-
mA
VDD = 3.0V, VOL = 0.3*VDD
-
20
-
mA
VDD = 4.5V, VOL = 0.3*VDD
Output Low Current
(High sink , by Body Option)
IOL2
-
20
-
mA
VDD = 3.0V, VOL = 0.3*VDD
-
40
-
mA
VDD =4.5V, VOL = 0.3*VDD
Input Pull Low Resistor
(IOA, IOB, IOC, IOD)I
RL1
-
200
-
Kohm
VDD = 3.0V, IO = 0V
For GPC71P080A/064A/048A/
032A/016A
-
100
-
Kohm
VDD = 4.5V, IO = 0V
For GPC71P080A/064A/048A/
032A/016A
-
150
-
Kohm
VDD = 3.0V, IO = 0V
For GPC71P340A/170A
-
150
-
Kohm
VDD = 4.5V, IO = 0V
For GPC71P340A/170A


Numéro de pièce similaire - GPC71P016A-HS031

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC71016A GENERALPLUS-GPC71016A Datasheet
1Mb / 19P
   4-bit Speech with SPU
GPC71016A-HS011 GENERALPLUS-GPC71016A-HS011 Datasheet
1Mb / 19P
   4-bit Speech with SPU
GPC71016A-HS031 GENERALPLUS-GPC71016A-HS031 Datasheet
1Mb / 19P
   4-bit Speech with SPU
GPC71032A GENERALPLUS-GPC71032A Datasheet
1Mb / 19P
   4-bit Speech with SPU
GPC71032A-HS011 GENERALPLUS-GPC71032A-HS011 Datasheet
1Mb / 19P
   4-bit Speech with SPU
More results

Description similaire - GPC71P016A-HS031

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC71XXXA GENERALPLUS-GPC71XXXA Datasheet
1Mb / 19P
   4-bit Speech with SPU
GPC74XXXA GENERALPLUS-GPC74XXXA Datasheet
1Mb / 19P
   4-bit Speech with SPU
GPLB62P100UA1 GENERALPLUS-GPLB62P100UA1 Datasheet
882Kb / 23P
   8--Bit LCD Controller/Driiver with SPU
GPLB62X GENERALPLUS-GPLB62X Datasheet
844Kb / 21P
   8--bit LCD Controller/Driver with SPU
GPLB62P200UA1 GENERALPLUS-GPLB62P200UA1 Datasheet
952Kb / 23P
   8--Bit LCD Controller//Driver with SPU
logo
List of Unclassifed Man...
N584HP300 ETC2-N584HP300 Datasheet
562Kb / 11P
   4-bit microcontroller-based speech synthesizer
N584HXXX ETC2-N584HXXX Datasheet
590Kb / 11P
   4-bit microcontroller-based speech synthesizer
logo
SONiX Technology Compan...
SN66012 SONIX-SN66012 Datasheet
132Kb / 5P
   4-Channel Speech Controller
SN66021 SONIX-SN66021 Datasheet
130Kb / 5P
   4-Channel Speech Controller
SN56340 SONIX-SN56340 Datasheet
378Kb / 11P
   4-Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com