Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SLP80R240SJ Datasheet(Fiches technique) 9 Page - Shenzhen Meipusen Semiconductor Co., Ltd

Numéro de pièce SLP80R240SJ
Description  800V N-Channel MOSFET
Télécharger  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MAPLESMI [Shenzhen Meipusen Semiconductor Co., Ltd]
Site Internet  http://www.meipusen.com/
Logo 

SLP80R240SJ Datasheet(HTML) 9 Page - Shenzhen Meipusen Semiconductor Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT
VDS
+
--
L
I S
Driver
VGS
RG
Same Type
as DUT
VGS
dv/dt controlled by
G
IS controlled by Duty Factor 밆?
VDD
10V
VGS
( Driver )
I S
( DUT )
VDS
( DUT )
VDD
Body Diode
Forward Voltage Drop
Vf
IFM , Body Diode Forward Current
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
di/dt
D =
Gate Pulse Width
Gate Pulse Period
--------------------------
Maple Semiconductor CO.,LTD
http://www.maplesemi.com
Rev 1.0 September 2015
Page9


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn