Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-VE3E Fiches technique(PDF) 68 Page - Nuvoton Technology Corporation

No de pièce NUC100-VE3E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-VE3E Fiches technique(HTML) 68 Page - Nuvoton Technology Corporation

Back Button NUC100-VE3E Datasheet HTML 64Page - Nuvoton Technology Corporation NUC100-VE3E Datasheet HTML 65Page - Nuvoton Technology Corporation NUC100-VE3E Datasheet HTML 66Page - Nuvoton Technology Corporation NUC100-VE3E Datasheet HTML 67Page - Nuvoton Technology Corporation NUC100-VE3E Datasheet HTML 68Page - Nuvoton Technology Corporation NUC100-VE3E Datasheet HTML 69Page - Nuvoton Technology Corporation NUC100-VE3E Datasheet HTML 70Page - Nuvoton Technology Corporation NUC100-VE3E Datasheet HTML 71Page - Nuvoton Technology Corporation NUC100-VE3E Datasheet HTML 72Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 68 of 107
Rev 1.01
General Purpose I/O (GPIO)
6.6
6.6.1
Overview
The NuMicro
® NUC100 series has up to 84 General Purpose I/O pins to be shared with other
function pins depending on the chip configuration. These 84 pins are arranged in 6 ports named
as GPIOA, GPIOB, GPIOC, GPIOD, GPIOE and GPIOF. The GPIOA/B/C/D/E port has the
maximum of 16 pins and GPIOF port has the maximum of 4 pins. Each of the 84 pins is
independent and has the corresponding register bits to control the pin mode function and data.
The I/O type of each of I/O pins can be configured by software individually as input, output, open-
drain or Quasi-bidirectional mode. After reset, the I/O mode of all pins are depending on
Config0[10] setting. In Quasi-bidirectional mode, I/O pin has a very weak individual pull-up
resistor which is about 110~300 K
 for V
DD is from 5.0 V to 2.5 V.
6.6.2
Features
Four I/O modes:
Quasi-bidirectional
Push-Pull output
Open-Drain output
Input only with high impendence
TTL/Schmitt trigger input selectable by GPx_TYPE[15:0] in GPx_MFP[31:16]
I/O pin configured as interrupt source with edge/level setting
Configurable default I/O mode of all pins after reset by Config0[10] setting
If Config[10] is 0, all GPIO pins in input tri-state mode after chip reset
If Config[10] is 1, all GPIO pins in Quasi-bidirectional mode after chip reset
I/O pin internal pull-up resistor enabled only in Quasi-bidirectional I/O mode
Enabling the pin interrupt function will also enable the pin wake-up function.


Numéro de pièce similaire - NUC100-VE3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-VE3E NUVOTON-NUC100-VE3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC100-VE3E NUVOTON-NUC100-VE3E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC100-VE3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com