Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC3092B Fiches technique(PDF) 7 Page - Generalplus Technology Inc.

No de pièce GPC3092B
Description  3--channell Sound Conttrollller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3092B Fiches technique(HTML) 7 Page - Generalplus Technology Inc.

Back Button GPC3092B Datasheet HTML 3Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 4Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 5Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 6Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 7Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 8Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 9Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 10Page - Generalplus Technology Inc. GPC3092B Datasheet HTML 11Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
7
Aug. 28, 2017
Version: 2.3
6.SIGNAL DESCRIPTIONS
6.1. Signal Descriptions for GPC3680A~ GPC3026A, GPC3340B~ GPC3092B, GPC3040B~ GPC3026B, GPC3340C/D,
GPC3256C, GPC3170A1~ GPC3092A1, GPC3170B1
PIN Name
Type
Description
IO Port
IOA[7:0]
I/O
IOA[7:0] is a bi-directional I/O port, can be software programmed as wakeup I/O. 1Mohm ||
100Kohm feedback pull low resistor (only 1M ohm feedback pull low resistor is available for
GPC3340B~GPC3092B , GPC3340D, GPC3170B1)
IOA7 shares its pad with IR output
IOA1 shares its pad with external clock input
IOA0 shares its pad with external interrupt input
IOB[7:0]
I/O
IOB[7:0] is a bi-directional I/O port, can be software programmed as wakeup I/O. 1Mohm ||
100Kohm feedback pull low resistor
IOB5 shares its pad with XTAL 32KHz input
IOB4 shares its pad with XTAL 32KHz output
IOB[3:0] shares its pad with 256-level PWM output, high sink current
IOB[7:4] is NOT available for GPC3040A/B~GPC3026A/B
IOC[7:0]
I/O
IOC[7:0] is a bi-directional I/O port, can be software programmed as wakeup I/O. 1Mohm ||
100Kohm feedback pull low resistor
IOC[7:0] is NOT available for GPC3170A~GPC3026A, GPC3170B~GPC3092B,
GPC3040B~GPC3026B, GPC3340C/D, GPC3256C, GPC3170A1~GPC3092A1, GPC3170B1.
Power & Ground PAD
CVDD
P
Power supply voltage input for internal circuit
CVSS
G
Ground reference for internal circuit
VDDIO
P
Power supply voltage input for GPIO PAD, must be equal to CVDD
VSSIO
G
Ground reference for GPIO PAD
PVDD
P
PWM driver power, can be greater than or equal to CVDD & VDDIO (refer to Note3 and
Note4)
PVSS
G
PWM driver ground reference
Others
RESB
I
System reset input, low active (with pull high)
TEST
I
Test pin input, high active (with pull low), and
please DON’T bond the TEST pin.
AUDP、AUDN
O
PWM output
Total: 34 pins
Legend: I = Input
O = Output
P = Power
G = Ground
Note1: To ensure IC functions properly, please bond all of VDD and VSS pins.
Note2: CVDD must be equal to VDDIO.
Note3: PVDD can be greater than or equal to CVDD & VDDIO for GPC3680A~GPC3052A, GPC3340B~GPC3092B, GPC3040B~GPC3026B, GPC3340C/D,
GPC3256C, GPC3170A1~GPC3092A1, GPC3170B1.
Note4: PVDD must be equal to CVDD & VDDIO for GPC3040A~GPC3026A.
Note5: Please DO NOT bond TEST pin.
Note6: IOC[7:0] is NOT available for GPC3170A/B~GPC3026A/B, GPC3340C/D, GPC3256C, GPC3170A1~GPC3092A1, GPC3170B1.
Note7: IOB[7:4] is NOT available for GPC3040A/B~GPC3026A/B.
Note8: Only 1Mohms pull low resistor is available on IOA[7:0] for GPC3340B~GPC3092B, GPC3340D, GPC3170B1.


Numéro de pièce similaire - GPC3092B

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-C GENERALPLUS-GPC3002A-C Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-QL09x GENERALPLUS-GPC3002A-QL09x Datasheet
541Kb / 19P
   3-Channel Sound Controller
More results

Description similaire - GPC3092B

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCDXXXXA GENERALPLUS-GPCDXXXXA Datasheet
918Kb / 26P
   Mullttii--Channell Sound Conttrollller
GPCD9002A GENERALPLUS-GPCD9002A Datasheet
1Mb / 26P
   Mullttii--Channell Sound Conttrollller
GPC3LXXXX GENERALPLUS-GPC3LXXXX Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPCD2T020A GENERALPLUS-GPCD2T020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD2TP020A GENERALPLUS-GPCD2TP020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD6L106A GENERALPLUS-GPCD6L106A Datasheet
745Kb / 20P
   Mullttii--Channell Sound Conttrollller wiitth DC--DC Boostter
GPCLA1 GENERALPLUS-GPCLA1 Datasheet
428Kb / 19P
   Low Power Sound Conttrollller Seriies
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPL082A1 GENERALPLUS-GPL082A1 Datasheet
467Kb / 10P
   Low Power 7KB LCD Conttrollller
GPL083B1 GENERALPLUS-GPL083B1 Datasheet
355Kb / 11P
   24KB Low Power LCD Conttrollller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com