Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DFJ-3 Fiches technique(PDF) 3 Page - Eaton All Rights Reserved.

No de pièce DFJ-3
Description  DFJ Class J high speed fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EATON [Eaton All Rights Reserved.]
Site Internet  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DFJ-3 Fiches technique(HTML) 3 Page - Eaton All Rights Reserved.

  DFJ-3 Datasheet HTML 1Page - Eaton All Rights Reserved. DFJ-3 Datasheet HTML 2Page - Eaton All Rights Reserved. DFJ-3 Datasheet HTML 3Page - Eaton All Rights Reserved. DFJ-3 Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data 1048
Effective August 2016
DFJ Class J high speed fuses
Eaton.com/bussmannseries
Time-current curves — average melt
Current in amps
Current in amps


Numéro de pièce similaire - DFJ-3

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
DFJ-3 COOPER-DFJ-3 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
DFJ-30 COOPER-DFJ-30 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
DFJ-30 COOPER-DFJ-30 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
DFJ-300 COOPER-DFJ-300 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
DFJ-300 COOPER-DFJ-300 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
More results

Description similaire - DFJ-3

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
   DFJ Class J high speed fuses
logo
Littelfuse
JLS LITTELFUSE-JLS_V01 Datasheet
330Kb / 3P
   CLASS J ??JLS SERIES FUSES
Rev: 062617
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
   CLASS J JLS SERIES FUSES
logo
Cooper Bussmann, Inc.
JKS-50 COOPER-JKS-50 Datasheet
89Kb / 2P
   Limitron짰 Quick-Acting Fuses Class J ??600 Volt
DFJ-20 COOPER-DFJ-20 Datasheet
1Mb / 4P
   DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
FWA COOPER-FWA Datasheet
750Kb / 20P
   High Speed Fuses
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
Eaton All Rights Reserv...
JKS EATON-JKS Datasheet
881Kb / 4P
   JKS fast-acting Class J fuses, up to 60 A
JKS-70 EATON-JKS-70 Datasheet
807Kb / 3P
   JKS fast-acting Class J fuses, 70 to 600 A
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com