Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC3256A Fiches technique(PDF) 21 Page - Generalplus Technology Inc.

No de pièce GPC3256A
Description  3--channell Sound Conttrollller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3256A Fiches technique(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPC3256A Datasheet HTML 17Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 18Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 19Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 20Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 21Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 22Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 23Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 24Page - Generalplus Technology Inc. GPC3256A Datasheet HTML 25Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
21
Aug. 28, 2017
Version: 2.3
8. ELECTRICAL SPECIFICATIONS
8.1. Absolute Maximum Ratings
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 7.0V
Input Voltage Range
VIN
(VSS-0.3V) to (V+ + 0.3V)
Operating Temperature
TA
0℃ to +70℃
Storage Temperature
TSTO
-65℃ to +150℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause permanent damage to the device. For normal operational conditions, see
AC/DC Electrical Characteristics.
8.2. DC Characteristics (TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Min. Operating Voltage
VDD*min
2.0
2.1
2.2
V
For GPC3680A/540A/480A/420A
1.9
2.0
2.1
V
For Others
Max. Operating Voltage
VDD max
-
-
5.5
V
Low Voltage Reset Level
V*LVR
2.0
2.1
2.2
V
For GPC3680A/540A/480A/420A
1.9
2.0
2.1
V
For Others
Operating Current
IOP
-
2.5
-
mA
FCPU = 6MHz @ 3.0V, PWM output off
For GPC3680A/540A/480A/420A
-
4
-
mA
FCPU = 6MHz @ 3.0V, PWM output off
For GPC3341A
-
2
-
mA
FCPU = 6MHz @ 3.0V, PWM output off
For Others
-
5
-
mA
FCPU = 6MHz @ 4.5V, PWM output off
For GPC3680A/540A/480A/420A/341A
-
2.5
-
mA
FCPU = 6MHz @ 4.5V, PWM output off
For GPC3010A/011C/010C
-
4
-
mA
FCPU = 6MHz @ 4.5V, PWM output off
For Others
Halt Current
I**HALT
-
4
-
uA
VDD = 3.0V, XTAL32K ON
NOT available for GPC3040A/B~GPC3026A/B,
GPC3010A/011C/010C
-
8
-
uA
VDD = 4.5V, XTAL32K ON
NOT available for GPC3040A/B~GPC3026A/B ,
GPC3010A/011C/010C
Standby Current
ISTBY
-
-
5
uA
VDD = 3.0V, For GPC3341A/010A/011C/
010C
-
-
3
uA
VDD = 3.0V, For GPC3340C/D, GPC3256C,
GPC3170A1~GPC3092A1, GPC3170B1.
-
-
2
uA
VDD = 3.0V, For Others
-
-
5
uA
VDD = 4.5V, For GPC3341A/010A/011C/
010C
-
-
3
uA
VDD = 4.5V, For GPC3340C/D, GPC3256C,
GPC3170A1~GPC3092A1, GPC3170B1.
-
-
2
uA
VDD = 4.5V, For Others


Numéro de pièce similaire - GPC3256A

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-C GENERALPLUS-GPC3002A-C Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-QL09x GENERALPLUS-GPC3002A-QL09x Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3L096A GENERALPLUS-GPC3L096A Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPC3L112A GENERALPLUS-GPC3L112A Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
More results

Description similaire - GPC3256A

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCDXXXXA GENERALPLUS-GPCDXXXXA Datasheet
918Kb / 26P
   Mullttii--Channell Sound Conttrollller
GPCD9002A GENERALPLUS-GPCD9002A Datasheet
1Mb / 26P
   Mullttii--Channell Sound Conttrollller
GPC3LXXXX GENERALPLUS-GPC3LXXXX Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPCD2T020A GENERALPLUS-GPCD2T020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD2TP020A GENERALPLUS-GPCD2TP020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD6L106A GENERALPLUS-GPCD6L106A Datasheet
745Kb / 20P
   Mullttii--Channell Sound Conttrollller wiitth DC--DC Boostter
GPCLA1 GENERALPLUS-GPCLA1 Datasheet
428Kb / 19P
   Low Power Sound Conttrollller Seriies
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPL082A1 GENERALPLUS-GPL082A1 Datasheet
467Kb / 10P
   Low Power 7KB LCD Conttrollller
GPL083B1 GENERALPLUS-GPL083B1 Datasheet
355Kb / 11P
   24KB Low Power LCD Conttrollller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com