Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GPC3340B Fiches technique(PDF) 31 Page - Generalplus Technology Inc.

No de pièce GPC3340B
Description  3--channell Sound Conttrollller
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENERALPLUS [Generalplus Technology Inc.]
Site Internet  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3340B Fiches technique(HTML) 31 Page - Generalplus Technology Inc.

Back Button GPC3340B Datasheet HTML 27Page - Generalplus Technology Inc. GPC3340B Datasheet HTML 28Page - Generalplus Technology Inc. GPC3340B Datasheet HTML 29Page - Generalplus Technology Inc. GPC3340B Datasheet HTML 30Page - Generalplus Technology Inc. GPC3340B Datasheet HTML 31Page - Generalplus Technology Inc. GPC3340B Datasheet HTML 32Page - Generalplus Technology Inc. GPC3340B Datasheet HTML 33Page - Generalplus Technology Inc. GPC3340B Datasheet HTML 34Page - Generalplus Technology Inc. GPC3340B Datasheet HTML 35Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
31
Aug. 28, 2017
Version: 2.3
9.6. Application Circuits with Heavy Loading (Such as Motor, High Brightness LED) for GPC3010A/011C/010C
AUDP
IOA[7:0]
AUDN
IOA[7:0]
IOB[7:0]
IOB[7:0]
RESB
PVDD
VDD_REGIN
VDD_REGOUT
PVSS
VSS
2.2u
C1
VSS
C2* 47u
PVDD
PVSS
Battery
VDD_REGIN
PVDD
VSS
VDD_REGIN
PVSS
VSS
0.1u
C3
0.1u
C4
VSS
51K
VDD_REGIN
R1
C5
0.1u
GPC3010A/011C/
010C
VPP(by body)
OSC(by body & option)
VREF(by body)
PCB Layout Guidelines:
1. VDD_REGIN and PVDD must be connected to power input port directly rather than the branch of each other.
2. PVDD can be higher than or equal to VDD_REGIN.
3. VSS and PVSS must be connected to ground input directly rather than the branch of each other.
4. The typical value of C2 is 47uF, and should be modified in different loading.


Numéro de pièce similaire - GPC3340B

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-C GENERALPLUS-GPC3002A-C Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3002A-QL09x GENERALPLUS-GPC3002A-QL09x Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPC3L096A GENERALPLUS-GPC3L096A Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPC3L112A GENERALPLUS-GPC3L112A Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
More results

Description similaire - GPC3340B

FabricantNo de pièceFiches techniqueDescription
logo
Generalplus Technology ...
GPCDXXXXA GENERALPLUS-GPCDXXXXA Datasheet
918Kb / 26P
   Mullttii--Channell Sound Conttrollller
GPCD9002A GENERALPLUS-GPCD9002A Datasheet
1Mb / 26P
   Mullttii--Channell Sound Conttrollller
GPC3LXXXX GENERALPLUS-GPC3LXXXX Datasheet
730Kb / 18P
   Low Power 3--Channell Sound Conttrollller
GPCD2T020A GENERALPLUS-GPCD2T020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD2TP020A GENERALPLUS-GPCD2TP020A Datasheet
1Mb / 26P
   Two--channell Sound Conttrollller
GPCD6L106A GENERALPLUS-GPCD6L106A Datasheet
745Kb / 20P
   Mullttii--Channell Sound Conttrollller wiitth DC--DC Boostter
GPCLA1 GENERALPLUS-GPCLA1 Datasheet
428Kb / 19P
   Low Power Sound Conttrollller Seriies
GPC3002A GENERALPLUS-GPC3002A Datasheet
541Kb / 19P
   3-Channel Sound Controller
GPL082A1 GENERALPLUS-GPL082A1 Datasheet
467Kb / 10P
   Low Power 7KB LCD Conttrollller
GPL083B1 GENERALPLUS-GPL083B1 Datasheet
355Kb / 11P
   24KB Low Power LCD Conttrollller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com