Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

QMB-123-11C3N-3BA Datasheet(Fiches technique) 1 Page - Qualtek Electronics Corporation

Numéro de pièce QMB-123-11C3N-3BA
Description  CIRCUIT BREAKER
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  QUALTEK [Qualtek Electronics Corporation]
Site Internet  http://www.qualtekusa.com
Logo 

QMB-123-11C3N-3BA Datasheet(HTML) 1 Page - Qualtek Electronics Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Qualtek Electronics Corp.
PPC DIVISION
Part Number: QMB-123-11C3N-3BA
Description:
CIRCUIT BREAKER
Tolerance
+/-
(mm)
Dim
range
(mm)
0-1
1-6
6-18
18-50
50-120
120-250
250-500
0.15
0.20
0.30
0.50
0.70
0.90
1.20
Drawn / Date
Checked / Date
Approved / Date
R.Nuti
06-04-15
06-04-15
LY / 06-04-15
UNIT: mm
APPROVED
DATE
DESCRIPTION
REV.
REVISION
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK
ELECTRONICS AND NOT TO BE REPRODUCED FOR
OR COMMUNICATED TO A THIRD PARTY WITHOUT
THE EXPRESS WRITTEN PERMISSION OF AN OFFICER
OF QUALTEK ELECTRONICS.
CONTROLLED
NOTES:
RATING: 12A 125/250V AC/32V DC
APPROVALS: UL, cUL,TUV, CCC, CE, CSA
BUTTON COLOR: BLACK
BUTTON PRINT COLOR: WHITE
PLASTIC BUSHING
PLASTIC MOUNTING NUT
RoHS COMPLIANT
6.3
14
4.5
0.8
M11*1.0
29.3
17.5
9.8
Ø7.6
10 ±
0.2
0
PANEL CUTOUT
12


Html Pages

1 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn