Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC120-YA2C Datasheet(Fiches technique) 4 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-YA2C
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC120-YA2C Datasheet(HTML) 4 Page - Nuvoton Technology Corporation

 
Zoom Inzoom in Zoom Outzoom out
 4 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 4 -
Revision V2.03
7.2.3
  Operating Current Curve (Test condition: run NOP).......................................................70 
7.2.4
  Idle Current Curve ..........................................................................................................72 
7.2.5
  Power Down Current Curve............................................................................................74 
7.3 
AC Electrical Characteristics ........................................................................................ 75 
7.3.1
  External 4~24 MHz High Speed Crystal .........................................................................75 
7.3.2
  External 32.768 kHz Low Speed Crystal ........................................................................76 
7.3.3
  Internal 22.1184 MHz High Speed Oscillator..................................................................76 
7.3.4
  Internal 10 kHz Low Speed Oscillator.............................................................................76 
7.4 
Analog Characteristics.................................................................................................. 77 
7.4.1
  Specification of 12-bit SARADC .....................................................................................77 
7.4.2
  Specification of LDO and Power management...............................................................78 
7.4.3
  Specification of Low Voltage Reset ................................................................................79 
7.4.4
  Specification of Brown-Out Detector...............................................................................79 
7.4.5
  Specification of Power-On Reset (5 V)...........................................................................79 
7.4.6
  Specification of Temperature Sensor .............................................................................80 
7.4.7
  Specification of Comparator ...........................................................................................80 
7.4.8
  Specification of USB PHY ..............................................................................................81 
7.5 
Flash DC Electrical Characteristics .............................................................................. 82 
7.6 
SPI Dynamic Characteristics ........................................................................................ 83 
PACKAGE DIMENSIONS......................................................................................................... 85 
8.1 
100L LQFP (14x14x1.4 mm footprint 2.0mm) .............................................................. 85 
8.2 
64L LQFP (10x10x1.4mm footprint 2.0 mm) ................................................................ 86 
8.3 
48L LQFP (7x7x1.4mm footprint 2.0mm) ..................................................................... 87 
REVISION HISTORY ................................................................................................................ 88 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn