Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC100-YA3E Datasheet(Fiches technique) 84 Page - Nuvoton Technology Corporation

Numéro de pièce NUC100-YA3E
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC100-YA3E Datasheet(HTML) 84 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 84 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 84 of 107
Rev 1.01
Serial Peripheral Interface (SPI)
6.18
6.18.1
Overview
The Serial Peripheral Interface (SPI) is a synchronous serial data communication protocol that
operates in full duplex mode. Devices communicate in Master/Slave mode with the 4-wire bi-
direction interface. The NuMicro
®
NUC100 series contains up to four sets of SPI controllers
performing a serial-to-parallel conversion on data received from a peripheral device, and a
parallel-to-serial conversion on data transmitted to a peripheral device. Each set of SPI controller
can be configured as a master or a slave device.
The SPI controller supports the variable serial clock function for special applications and 2-bit
Transfer mode to connect 2 off-chip slave devices at the same time. This controller also supports
the PDMA function to access the data buffer and also supports Dual I/O Transfer mode.
6.18.2
Features
Up to four sets of SPI controllers
Supports Master or Slave mode operation
Supports 2-bit Transfer mode
Supports Dual I/O Transfer mode
Configurable bit length of a transfer word from 8 to 32-bit
Provides separate 8-layer depth transmit and receive FIFO buffers
Supports MSB first or LSB first transfer sequence
Two slave select lines in Master mode
Supports the byte reorder function
Supports Byte or Word Suspend mode
Variable output serial clock frequency in Master mode
Supports PDMA transfer
Supports 3-wire, no slave select signal, bi-direction interface


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn