Moteur de recherche de fiches techniques de composants électroniques |
|
NUC120-YB1C Fiches technique(PDF) 8 Page - Nuvoton Technology Corporation |
|
NUC120-YB1C Fiches technique(HTML) 8 Page - Nuvoton Technology Corporation |
8 / 89 page NuMicro ™ NUC120 Data Sheet 2 FEATURES The equipped features are dependent on the product line and their sub products. 2.1 NuMicro ™ NUC120 Features – USB Line • Core – ARM ® Cortex™-M0 core runs up to 50 MHz – One 24-bit system timer – Supports low power sleep mode – Single-cycle 32-bit hardware multiplier – NVIC for the 32 interrupt inputs, each with 4-levels of priority – Serial Wire Debug supports with 2 watchpoints/4 breakpoints • Build-in LDO for wide operating voltage ranges from 2.5 V to 5.5 V • Flash Memory – 32K/64K/128K bytes Flash for program code (128KB only support in NuMicro ™ NUC100/NUC120 Medium Density) – 4KB flash for ISP loader – Support In-system program (ISP) application code update – 512 byte page erase for flash – Configurable data flash address and size for 128KB system, fixed 4KB data flash for the 32KB and 64KB system – Support 2 wire ICP update through SWD/ICE interface – Support fast parallel programming mode by external programmer • SRAM Memory – 4K/8K/16K bytes embedded SRAM (16KB only support in NuMicro ™ NUC100/NUC120 Medium Density) – Support PDMA mode • PDMA (Peripheral DMA) – Support 9 channels PDMA for automatic data transfer between SRAM and peripherals (Only support 1 channel in NuMicro ™ NUC100/NUC120 Low Density) • Clock Control – Flexible selection for different applications – Built-in 22.1184 MHz high speed OSC for system operation Trimmed to 1 % at +25 and V ℃ DD = 5 V Trimmed to 3 % at -40 ~ +85 and V ℃℃ DD = 2.5 V ~ 5.5 V – Built-in 10 KHz low speed OSC for Watchdog Timer and Wake-up operation – Support one PLL, up to 50 MHz, for high performance system operation – External 4~24 MHz high speed crystal input for USB and precise timing operation – External 32.768 kHz low speed crystal input for RTC function and low power system operation • GPIO – Four I/O modes: Quasi bi-direction Push-Pull output Open-Drain output Input only with high impendence Publication Release Date: Jan. 2, 2012 - 8 - Revision V2.03 |
Numéro de pièce similaire - NUC120-YB1C |
|
Description similaire - NUC120-YB1C |