Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC230-RD2E Fiches technique(PDF) 35 Page - Nuvoton Technology Corporation

No de pièce NUC230-RD2E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC230-RD2E Fiches technique(HTML) 35 Page - Nuvoton Technology Corporation

Back Button NUC230-RD2E Datasheet HTML 31Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 32Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 33Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 34Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 35Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 36Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 37Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 38Page - Nuvoton Technology Corporation NUC230-RD2E Datasheet HTML 39Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 35 of 107
Rev 1.01
Pin No.
Pin Name
Pin Type Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
MOSI30
I/O
1
st SPI3 MOSI (Master Out, Slave In) pin.
17
PD.12
I/O
General purpose digital I/O pin.
MISO31
I/O
2
nd SPI3 MISO (Master In, Slave Out) pin.
18
PD.13
I/O
General purpose digital I/O pin.
MOSI31
I/O
2
nd SPI3 MOSI (Master Out, Slave In) pin.
19
10
8
PB.4
I/O
General purpose digital I/O pin.
RXD1
I
Data receiver input pin for UART1.
20
11
9
PB.5
I/O
General purpose digital I/O pin.
TXD1
O
Data transmitter output pin for UART1.
21
12
PB.6
I/O
General purpose digital I/O pin.
RTS1
O
Request to Send output pin for UART1.
ALE
O
EBI address latch enable output pin
22
13
PB.7
I/O
General purpose digital I/O pin.
CTS1
I
Clear to Send input pin for UART1.
nCS
O
EBI chip select enable output pin
23
14
10
LDO
P
LDO output pin
24
15
11
VDD
P
Power supply for I/O ports and LDO source for internal PLL and
digital circuit.
25
16
12
VSS
P
Ground pin for digital circuit.
26
PE.8
I/O
General purpose digital I/O pin.
27
PE.7
I/O
General purpose digital I/O pin.
28
17
13
VBUS
USB
Power supply from USB host or HUB.
29
18
14
VDD33
USB
Internal power regulator output 3.3V decoupling pin.
30
19
15
D-
USB
USB differential signal D-.
31
20
16
D+
USB
USB differential signal D+.
32
21
17
PB.0
I/O
General purpose digital I/O pin.
RXD0
I
Data receiver input pin for UART0.
33
22
18
PB.1
I/O
General purpose digital I/O pin.
TXD0
O
Data transmitter output pin for UART0.
34
23
29
PB.2
I/O
General purpose digital I/O pin.
RTS0
O
Request to Send output pin for UART0.
T2EX
I
Timer2 external capture input pin.
nWRL
O
EBI low byte write enable output pin


Numéro de pièce similaire - NUC230-RD2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC230-LC1C NUVOTON-NUC230-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC1E NUVOTON-NUC230-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC1N NUVOTON-NUC230-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC2C NUVOTON-NUC230-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC230-LC2C NUVOTON-NUC230-LC2C Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC230-RD2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com