Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC240-LD2E Fiches technique(PDF) 20 Page - Nuvoton Technology Corporation

No de pièce NUC240-LD2E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC240-LD2E Fiches technique(HTML) 20 Page - Nuvoton Technology Corporation

Back Button NUC240-LD2E Datasheet HTML 16Page - Nuvoton Technology Corporation NUC240-LD2E Datasheet HTML 17Page - Nuvoton Technology Corporation NUC240-LD2E Datasheet HTML 18Page - Nuvoton Technology Corporation NUC240-LD2E Datasheet HTML 19Page - Nuvoton Technology Corporation NUC240-LD2E Datasheet HTML 20Page - Nuvoton Technology Corporation NUC240-LD2E Datasheet HTML 21Page - Nuvoton Technology Corporation NUC240-LD2E Datasheet HTML 22Page - Nuvoton Technology Corporation NUC240-LD2E Datasheet HTML 23Page - Nuvoton Technology Corporation NUC240-LD2E Datasheet HTML 24Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 20 of 107
Rev 1.01
NUC120RC1DN
32 KB
4 KB 4 KB
4 KB
up to
47
4x32-
bit
2
2
2
1
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC120RD1DN
64 KB
4 KB 4 KB
4 KB
up to
47
4x32-
bit
2
2
2
1
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC120RD2DN
64 KB
8 KB 4 KB
4 KB
up to
47
4x32-
bit
2
2
2
1
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC120RD3DN
64 KB 16 KB 4 KB
4 KB
up to
47
4x32-
bit
2
2
2
1
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC120RE3DN 128 KB 16 KB
Defin
able
4 KB
up to
47
4x32-
bit
2
2
2
1
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC120VD2DN
64 KB
8 KB 4 KB
4 KB
up to
80
4x32-
bit
3
4
2
1
-
-
1
3
2
8
8x12-
bit
v
v
v
LQFP100
NUC120VD3DN
64 KB 16 KB 4 KB
4 KB
up to
80
4x32-
bit
3
4
2
1
-
-
1
3
2
8
8x12-
bit
v
v
v
LQFP100
NUC120VE3DN 128 KB 16 KB
Defin
able
4 KB
up to
80
4x32-
bit
3
4
2
1
-
-
1
3
2
8
8x12-
bit
v
v
v
LQFP100
NUC 1 0
- X X
ARM-Based
32-bit Microcontroller
0: Advanced Line
2: USB Line
3: Automotive Line
4: Connectivity Line
CPU core
1/2: Cortex-M0
5/7: ARM7
9:
ARM9
Temperature
N: -40℃ ~ +85℃
E: -40℃ ~ +105℃
C: -40℃ ~ +125℃
Reserve
X X
Function
0
Package Type
Y: QFN 36
L: LQFP 48
R: LQFP 64
V: LQFP 100
X
RAM Size
1: 4 KB
2: 8 KB
3: 16 KB
APROM Size
A: 8 KB
B: 16 KB
C: 32 KB
D: 64 KB
E: 128 KB
Figure 4-1 NuMicro
® NUC100 Series Selection Code


Numéro de pièce similaire - NUC240-LD2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC240-LD2E NUVOTON-NUC240-LD2E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC240-LD2E NUVOTON-NUC240-LD2E Datasheet
2Mb / 97P
   ARM짰 Cortex??M0 core
NUC240-LD2E NUVOTON-NUC240-LD2E Datasheet
2Mb / 97P
   NuMicro
More results

Description similaire - NUC240-LD2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com