Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC130-YE3E Fiches technique(PDF) 9 Page - Nuvoton Technology Corporation

No de pièce NUC130-YE3E
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC130-YE3E Fiches technique(HTML) 9 Page - Nuvoton Technology Corporation

Back Button NUC130-YE3E Datasheet HTML 5Page - Nuvoton Technology Corporation NUC130-YE3E Datasheet HTML 6Page - Nuvoton Technology Corporation NUC130-YE3E Datasheet HTML 7Page - Nuvoton Technology Corporation NUC130-YE3E Datasheet HTML 8Page - Nuvoton Technology Corporation NUC130-YE3E Datasheet HTML 9Page - Nuvoton Technology Corporation NUC130-YE3E Datasheet HTML 10Page - Nuvoton Technology Corporation NUC130-YE3E Datasheet HTML 11Page - Nuvoton Technology Corporation NUC130-YE3E Datasheet HTML 12Page - Nuvoton Technology Corporation NUC130-YE3E Datasheet HTML 13Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 9 -
Revision V2.03
TTL/Schmitt trigger input selectable
I/O pin can be configured as interrupt source with edge/level setting
High driver and high sink IO mode support
• Timer
Support 4 sets of 32-bit timers with 24-bit up-timer and one 8-bit pre-scale counter
Independent clock source for each timer
Provides one-shot, periodic, toggle and continuous counting operation modes
(NuMicro
™ NUC100/NUC120 Medium Density only support one-shot and periodic
mode)
Support event counting function (NuMicro
™ NUC100/NUC120 Low Density only)
• Watchdog Timer
Multiple clock sources
8 selectable time out period from 1.6ms ~ 26.0sec (depends on clock source)
WDT can wake-up from power down or idle mode
Interrupt or reset selectable on watchdog time-out
• RTC
Support software compensation by setting frequency compensate register (FCR)
Support RTC counter (second, minute, hour) and calendar counter (day, month, year)
Support Alarm registers (second, minute, hour, day, month, year)
Selectable 12-hour or 24-hour mode
Automatic leap year recognition
Support periodic time tick interrupt with 8 period options 1/128, 1/64, 1/32, 1/16, 1/8,
1/4, 1/2 and 1 second
Support wake-up function
• PWM/Capture
Built-in up to four 16-bit PWM generators provide eight PWM outputs or four
complementary paired PWM outputs
Each PWM generator equipped with one clock source selector, one clock divider, one
8-bit prescaler and one Dead-Zone generator for complementary paired PWM
Up to eight 16-bit digital Capture timers (shared with PWM timers) provide eight
rising/falling capture inputs
Support Capture interrupt
• UART
Up to three UART controllers (NuMicro
™ NUC100/NUC120 Low Density only support 2
UART controllers)
UART ports with flow control (TXD, RXD, CTS and RTS)
UART0 with 63-byte FIFO is for high speed
UART1/2(optional) with 15-byte FIFO for standard device
Support IrDA (SIR) function
Support RS-485 9-bit mode and direction control. (NuMicro
™ NUC100/NUC120 Low
Density Only)
Programmable baud-rate generator up to 1/16 system clock
Support PDMA mode
• SPI
Up to four sets of SPI controller (NuMicro
™ NUC100/NUC120 Low Density only
support 2 SPI controllers)
Master up to 16 MHz, and Slave up to 10 MHz (chip working @ 5V)
Support SPI master/slave mode


Numéro de pièce similaire - NUC130-YE3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC130-YE3E NUVOTON-NUC130-YE3E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC130-YE3E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com