Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC130-YE3E Datasheet(Fiches technique) 80 Page - Nuvoton Technology Corporation

Numéro de pièce NUC130-YE3E
Description  ARM Cortex™-M0 32-BIT MICROCONTROLLER
Télécharger  89 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo 

NUC130-YE3E Datasheet(HTML) 80 Page - Nuvoton Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 80 -
Revision V2.03
r
7.4.6
Specification of Temperature Senso
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply voltage
[1]
2.5
-
5.5
V
Temperature
-40
-
125
Current consumption
6.4
10.5
uA
-
Gain
-1.76
mV/℃
Offset
Temp=0 ℃
720
mV
Note: Internal operation voltage comes from
.4.7
Specification of Comparator
LDO.
7
PARAMETER
CONDITION
MIN.
TYP.
MAX.
UNIT
Temperature
-
-40
25
5
8
VDD
-
2.4
3
5.5
V
VDD current
@VDD=3 V
-
20
40
20 uA
uA
Input offset voltage
-
-
5
15
mV
Output swing
-
0.1
-
-0.1
VDD
V
Input common mode range
0.1
-
-1.2
-
VDD
V
DC gain
-
70
-
-
dB
Propagation delay
.2 V and
0.1 V
-
200
-
s
@VCM=1
VDIFF=
n
Comparison voltage
0 mV@VCM=1 V
50 mV@VCM=0.1 V
V@VCM=VDD-1.2
10 mV for non-
eresis
10
20
-
mV
2
50 m
@
hyst
Hysteresis
One bit control
and W. hysteresi
~ VDD-1.2 V
-
±10
-
V
W/O
s
@VCM=0.4 V
m
Wake-up time
@CINP=1.3 V
CINN=1.2 V
-
-
2
us


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89 


Datasheet Download




Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn