Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC220-YD2E Fiches technique(PDF) 60 Page - Nuvoton Technology Corporation

No de pièce NUC220-YD2E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC220-YD2E Fiches technique(HTML) 60 Page - Nuvoton Technology Corporation

Back Button NUC220-YD2E Datasheet HTML 56Page - Nuvoton Technology Corporation NUC220-YD2E Datasheet HTML 57Page - Nuvoton Technology Corporation NUC220-YD2E Datasheet HTML 58Page - Nuvoton Technology Corporation NUC220-YD2E Datasheet HTML 59Page - Nuvoton Technology Corporation NUC220-YD2E Datasheet HTML 60Page - Nuvoton Technology Corporation NUC220-YD2E Datasheet HTML 61Page - Nuvoton Technology Corporation NUC220-YD2E Datasheet HTML 62Page - Nuvoton Technology Corporation NUC220-YD2E Datasheet HTML 63Page - Nuvoton Technology Corporation NUC220-YD2E Datasheet HTML 64Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 60 of 107
Rev 1.01
Clock Controller
6.3
6.3.1
Overview
The clock controller generates the clocks for the whole chip, including system clocks and all
peripheral clocks. The clock controller also implements the power control function with the
individually clock ON/OFF control, clock source selection and clock divider. The chip enters
Power-down mode
when
Cortex
® -M0 core executes the WFI instruction only if the
PWR_DOWN_EN (PWRCON[7]) bit and PD_WAIT_CPU (PWRCON[8]) bit are both set to 1.
After that, chip enters Power-down mode and waits for wake-up interrupt source triggered to
leave Power-down mode. In the Power-down mode, the clock controller turns off the external
4~24 MHz high speed crystal and internal 22.1184 MHz high speed oscillator to reduce the
overall system power consumption.


Numéro de pièce similaire - NUC220-YD2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC220-LC1C NUVOTON-NUC220-LC1C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC1E NUVOTON-NUC220-LC1E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC1N NUVOTON-NUC220-LC1N Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC2C NUVOTON-NUC220-LC2C Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC220-LC2E NUVOTON-NUC220-LC2E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
More results

Description similaire - NUC220-YD2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com