Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC200-VC2E Datasheet(Fiches technique) 93 Page - Nuvoton Technology Corporation

Numéro de pièce NUC200-VC2E
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC200-VC2E Datasheet(HTML) 93 Page - Nuvoton Technology Corporation

Back Button NUC200-VC2E Datenblatt HTML 89Page - Nuvoton Technology Corporation NUC200-VC2E Datenblatt HTML 90Page - Nuvoton Technology Corporation NUC200-VC2E Datenblatt HTML 91Page - Nuvoton Technology Corporation NUC200-VC2E Datenblatt HTML 92Page - Nuvoton Technology Corporation NUC200-VC2E Datasheet HTML 93Page - Nuvoton Technology Corporation NUC200-VC2E Datenblatt HTML 94Page - Nuvoton Technology Corporation NUC200-VC2E Datenblatt HTML 95Page - Nuvoton Technology Corporation NUC200-VC2E Datenblatt HTML 96Page - Nuvoton Technology Corporation NUC200-VC2E Datenblatt HTML 97Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 93 of 107
Rev 1.01
PARAMETER
SYM.
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Idle Mode
at 10 kHz
5.5V
10 kHz
X
V
IIDLE14
118
A
5.5V
10 kHz
X
X
IIDLE15
122
A
3.3V
10 kHz
X
V
IIDLE16
118
A
3.3V
10 kHz
X
X
Standby Current
Power-down Mode
(Deep Sleep Mode)
IPWD1
15
A
VDD
RTC
BOD function
5.5V
X
X
IPWD2
15
A
5.5V
X
X
IPWD3
17
A
3.3V
X
X
IPWD4
17
A
3.3V
X
X
Input Current PA, PB, PC,
PD, PE, PF (Quasi-
bidirectional mode)
IIN1
-50
-60
A VDD = 5.5V, VIN = 0V or VIN=VDD
Input Current at /RESET
[1]
IIN2
-55
-45
-30
A VDD = 3.3V, VIN = 0.45V
Input Leakage Current PA,
PB, PC, PD, PE, PF
ILK
-2
-
+2
A VDD = 5.5V, 0<VIN<VDD
Logic 1 to 0 Transition Current
PA~PF (Quasi-bidirectional
mode)
ITL
[3]
-650
-
-200
A VDD = 5.5V, VIN<2.0V
Input Low Voltage PA, PB,
PC, PD, PE, PF (TTL input)
VIL1
-0.3
-
0.8
V
VDD = 4.5V
-0.3
-
0.6
VDD = 2.5V
Input High Voltage PA, PB,
PC, PD, PE, PF (TTL input)
VIH1
2.0
-
VDD
+0.2
V
VDD = 5.5V
1.5
-
VDD
+0.2
VDD =3.0V
Input Low Voltage PA, PB,
PC, PD, PE, PF (Schmitt
input)
VIL2
-0.3
-
0.3VDD
V
Input High Voltage PA, PB,
PC, PD, PE, PF (Schmitt
input)
VIH2
0.7VDD
-
VDD
+0.2
V
Hysteresis voltage of PA, PB,
PC, PD,PE, PF (Schmitt
input)
VHY
0.2VDD
V
Input Low Voltage XT1_IN
[*2]
VIL3
0
-
0.8
V
VDD = 4.5V
0
-
0.4
VDD = 3.0V
Input High Voltage XT1_IN
[*2]
VIH3
3.5
-
VDD
+0.2
V
VDD = 5.5V
2.4
-
VDD
+0.2
VDD = 3.0V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn