Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-LD3E Fiches technique(PDF) 24 Page - Nuvoton Technology Corporation

No de pièce NUC120-LD3E
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-LD3E Fiches technique(HTML) 24 Page - Nuvoton Technology Corporation

Back Button NUC120-LD3E Datasheet HTML 20Page - Nuvoton Technology Corporation NUC120-LD3E Datasheet HTML 21Page - Nuvoton Technology Corporation NUC120-LD3E Datasheet HTML 22Page - Nuvoton Technology Corporation NUC120-LD3E Datasheet HTML 23Page - Nuvoton Technology Corporation NUC120-LD3E Datasheet HTML 24Page - Nuvoton Technology Corporation NUC120-LD3E Datasheet HTML 25Page - Nuvoton Technology Corporation NUC120-LD3E Datasheet HTML 26Page - Nuvoton Technology Corporation NUC120-LD3E Datasheet HTML 27Page - Nuvoton Technology Corporation NUC120-LD3E Datasheet HTML 28Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
5.2.3
System Power Distribution
In this chip, the power distribution is divided into three segments.
Analog power from AVDD and AVSS provides the power for analog components
operation.
Digital power from VDD and VSS supplies the power to the internal regulator which
provides a fixed 2.5 V power for digital operation and I/O pins.
USB transceiver power from VBUS offers the power for operating the USB transceiver.
The outputs of internal voltage regulators, LDO and VDD33, require an external capacitor which
should be located close to the corresponding pin. Analog power (AVDD) should be the same
voltage level of the digital power (VDD). Figure 5-2 shows the power distribution of NuMicro™
NUC120.
Figure 5-2 NuMicro
™ NUC120 Power Distribution Diagram
Publication Release Date: Jan. 2, 2012
- 24 -
Revision V2.03


Numéro de pièce similaire - NUC120-LD3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-LD3E NUVOTON-NUC120-LD3E Datasheet
1Mb / 100P
   ARM짰 Cortex??M0 core
NUC120-LD3E NUVOTON-NUC120-LD3E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120-LD3E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com