Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

NUC120-LC2E Datasheet(Fiches technique) 19 Page - Nuvoton Technology Corporation

Numéro de pièce NUC120-LC2E
Description  ARM® Cortex®-M 32-bit Microcontroller
Télécharger  107 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-LC2E Datasheet(HTML) 19 Page - Nuvoton Technology Corporation

Back Button NUC120-LC2E Datenblatt HTML 15Page - Nuvoton Technology Corporation NUC120-LC2E Datenblatt HTML 16Page - Nuvoton Technology Corporation NUC120-LC2E Datenblatt HTML 17Page - Nuvoton Technology Corporation NUC120-LC2E Datenblatt HTML 18Page - Nuvoton Technology Corporation NUC120-LC2E Datasheet HTML 19Page - Nuvoton Technology Corporation NUC120-LC2E Datenblatt HTML 20Page - Nuvoton Technology Corporation NUC120-LC2E Datenblatt HTML 21Page - Nuvoton Technology Corporation NUC120-LC2E Datenblatt HTML 22Page - Nuvoton Technology Corporation NUC120-LC2E Datenblatt HTML 23Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 19 of 107
Rev 1.01
4
PARTS INFORMATION LIST AND PIN CONFIGURATION
NuMicro
® NUC100/120xxxDN Selection Guide
4.1
4.1.1
NuMicro
® NUC100 Advanced Line Selection Guide
Part Number
APROM RAM
Data
Flash
ISP
Loader
ROM
I/O Timer
Connectivity
I
2S SC Co
mp.
PWM ADC RTC EBI
ISP
ICP
Package
UART SPI I
2C USB LIN CAN
NUC100LC1DN
32 KB
4 KB 4 KB
4 KB
up to
37
4x32-
bit
2
1
2
-
-
-
1
3
1
6
8x12-
bit
v
-
v
LQFP48
NUC100LD1DN
64 KB
4 KB 4 KB
4 KB
up to
37
4x32-
bit
2
1
2
-
-
-
1
3
1
6
8x12-
bit
v
-
v
LQFP48
NUC100LD2DN
64 KB
8 KB 4 KB
4 KB
up to
37
4x32-
bit
2
1
2
-
-
-
1
3
1
6
8x12-
bit
v
-
v
LQFP48
NUC100LD3DN
64 KB 16 KB 4 KB
4 KB
up to
37
4x32-
bit
2
1
2
-
-
-
1
3
1
6
8x12-
bit
v
-
v
LQFP48
NUC100LE3DN
128 KB 16 KB
Defin
able
4 KB
up to
37
4x32-
bit
2
1
2
-
-
-
1
3
1
6
8x12-
bit
v
-
v
LQFP48
NUC100RC1DN
32 KB
4 KB 4 KB
4 KB
up to
51
4x32-
bit
3
2
2
-
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC100RD1DN
64 KB
4 KB 4 KB
4 KB
up to
51
4x32-
bit
3
2
2
-
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC100RD2DN
64 KB
8 KB 4 KB
4 KB
up to
51
4x32-
bit
3
2
2
-
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC100RD3DN
64 KB 16 KB 4 KB
4 KB
up to
51
4x32-
bit
3
2
2
-
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC100RE3DN 128 KB 16 KB
Defin
able
4 KB
up to
51
4x32-
bit
3
2
2
-
-
-
1
3
2
6
8x12-
bit
v
v
v
LQFP64
NUC100VD2DN
64 KB
8 KB 4 KB
4 KB
up to
84
4x32-
bit
3
4
2
-
-
-
1
3
2
8
8x12-
bit
v
v
v
LQFP100
NUC100VD3DN
64 KB 16 KB 4 KB
4 KB
up to
84
4x32-
bit
3
4
2
-
-
-
1
3
2
8
8x12-
bit
v
v
v
LQFP100
NUC100VE3DN 128 KB 16 KB
Defin
able
4 KB
up to
84
4x32-
bit
3
4
2
-
-
-
1
3
2
8
8x12-
bit
v
v
v
LQFP100
4.1.2
NuMicro
® NUC120 USB Line Selection Guide
Part Number
APROM RAM
Data
Flash
ISP
Loader
ROM
I/O Timer
Connectivity
I
2S SC Co
mp.
PWM ADC RTC EBI
ISP
ICP
Package
UART SPI I
2C USB LIN CAN
NUC120LC1DN
32 KB
4 KB 4 KB
4 KB
up to
33
4x32-
bit
2
1
2
1
-
-
1
3
1
4
8x12-
bit
v
-
v
LQFP48
NUC120LD1DN
64 KB
4 KB 4 KB
4 KB
up to
33
4x32-
bit
2
1
2
1
-
-
1
3
1
4
8x12-
bit
v
-
v
LQFP48
NUC120LD2DN
64 KB
8 KB 4 KB
4 KB
up to
33
4x32-
bit
2
1
2
1
-
-
1
3
1
4
8x12-
bit
v
-
v
LQFP48
NUC120LD3DN
64 KB 16 KB 4 KB
4 KB
up to
33
4x32-
bit
2
1
2
1
-
-
1
3
1
4
8x12-
bit
v
-
v
LQFP48
NUC120LE3DN
128 KB 16 KB
Defin
able
4 KB
up to
33
4x32-
bit
2
1
2
1
-
-
1
3
1
4
8x12-
bit
v
-
v
LQFP48


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn