Moteur de recherche de fiches techniques de composants électroniques |
|
NUC230-VB2E Fiches technique(PDF) 16 Page - Nuvoton Technology Corporation |
|
NUC230-VB2E Fiches technique(HTML) 16 Page - Nuvoton Technology Corporation |
16 / 107 page NUC100/120xxxDN Aug 31, 2015 Page 16 of 107 Rev 1.01 – Up to two analog comparators – External input or internal Band-gap voltage selectable at negative node – Interrupt when compare results change – Supports Power-down wake-up Smart Card Host (SC) – Compliant to ISO-7816-3 T=0, T=1 – Supports up to three ISO-7816-3 ports – Separate receive / transmit 4 bytes entry FIFO for data payloads – Programmable transmission clock frequency – Programmable receiver buffer trigger level – Programmable guard time selection (11 ETU ~ 266 ETU) – One 24-bit and two 8-bit time-out counters for Answer to Request (ATR) and waiting times processing – Supports auto inverse convention function – Supports transmitter and receiver error retry and error limit function – Supports hardware activation sequence process – Supports hardware warm reset sequence process – Supports hardware deactivation sequence process – Supports hardware auto deactivation sequence when detecting the card removal 96-bit unique ID (UID) One built-in temperature sensor with 1℃ resolution Brown-out Detector – With 4 levels: 4.4 V/3.7 V/2.7 V/2.2 V – Supports Brown-out Interrupt and Reset option Low Voltage Reset – Threshold voltage level: 2.0 V Operating Temperature: -40℃ ~ 85℃ Packages: – All Green package (RoHS) – LQFP 100-pin – LQFP 64-pin – LQFP48-pin |
Numéro de pièce similaire - NUC230-VB2E |
|
Description similaire - NUC230-VB2E |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |