Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-LB3E Fiches technique(PDF) 44 Page - Nuvoton Technology Corporation

No de pièce NUC120-LB3E
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-LB3E Fiches technique(HTML) 44 Page - Nuvoton Technology Corporation

Back Button NUC120-LB3E Datasheet HTML 40Page - Nuvoton Technology Corporation NUC120-LB3E Datasheet HTML 41Page - Nuvoton Technology Corporation NUC120-LB3E Datasheet HTML 42Page - Nuvoton Technology Corporation NUC120-LB3E Datasheet HTML 43Page - Nuvoton Technology Corporation NUC120-LB3E Datasheet HTML 44Page - Nuvoton Technology Corporation NUC120-LB3E Datasheet HTML 45Page - Nuvoton Technology Corporation NUC120-LB3E Datasheet HTML 46Page - Nuvoton Technology Corporation NUC120-LB3E Datasheet HTML 47Page - Nuvoton Technology Corporation NUC120-LB3E Datasheet HTML 48Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
Publication Release Date: Jan. 2, 2012
- 44 -
Revision V2.03
5.8
5.8.
RTC is from an external 32.768 kHz low speed crystal connected at pins X32I and
z low speed oscillator output
econd, minute, hour) in Time
onth, year) in Calendar Loading
Register (CLR). The data message is expressed in BCD format. It also offers alarm function that
user can preset the alarm time in Time Alarm Register (TAR) and alarm calendar in Calendar
AR).
eriodic Time Tick and Alarm Match interrupts. The periodic interrupt
8, 1/4, 1/2 and 1 second which are selected by
an
int
Time Tick and Alarm Match can cause chip wake-
nction is enabled (TWKE (TTR[3])=1).
5.8.2
Alarm register (second, minute, hour, day, month, year)
electable
tions 1/128, 1/64, 1/32, 1/16, 1/8, 1/4, 1/2
Support RTC Time Tick and Alarm Match interrupt
Support wake-up chip from power down mode
Real Time Clock (RTC)
1
Overview
Real Time Clock (RTC) controller provides user the real time and calendar message. The clock
source of
X32O (reference to pin descriptions) or from an external 32.768 kH
fed at pin X32I. The RTC controller provides the time message (s
Loading Register (TLR) as well as calendar message (day, m
Alarm Register (C
The RTC controller supports p
has 8 period options 1/128, 1/64, 1/32, 1/16, 1/
TTR (TTR[2:0]). When RTC counter in TLR and CLR is equal to alarm setting time registers TAR
d CAR, the alarm interrupt flag (RIIR.AIF) is set and the alarm interrupt is requested if the alarm
errupt is enabled (RIER.AIER=1). Both RTC
up from power down mode if wake-up fu
Features
There is a time counter (second, minute, hour) and calendar counter (day, month, year) for
user to check the time
12-hour or 24-hour mode is s
Leap year compensation automatically
Day of week counter
Frequency compensate register (FCR)
All time and calendar message is expressed in BCD code
Support periodic time tick interrupt with 8 period op
and 1 second


Numéro de pièce similaire - NUC120-LB3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-LB3E NUVOTON-NUC120-LB3E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC120-LB3E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com