Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC120-RA2E Fiches technique(PDF) 33 Page - Nuvoton Technology Corporation

No de pièce NUC120-RA2E
Description  ARM짰 Cortex짰-M 32-bit Microcontroller
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC120-RA2E Fiches technique(HTML) 33 Page - Nuvoton Technology Corporation

Back Button NUC120-RA2E Datasheet HTML 29Page - Nuvoton Technology Corporation NUC120-RA2E Datasheet HTML 30Page - Nuvoton Technology Corporation NUC120-RA2E Datasheet HTML 31Page - Nuvoton Technology Corporation NUC120-RA2E Datasheet HTML 32Page - Nuvoton Technology Corporation NUC120-RA2E Datasheet HTML 33Page - Nuvoton Technology Corporation NUC120-RA2E Datasheet HTML 34Page - Nuvoton Technology Corporation NUC120-RA2E Datasheet HTML 35Page - Nuvoton Technology Corporation NUC120-RA2E Datasheet HTML 36Page - Nuvoton Technology Corporation NUC120-RA2E Datasheet HTML 37Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 107 page
background image
NUC100/120xxxDN
Aug 31, 2015
Page 33 of 107
Rev 1.01
Pin No.
Pin Name
Pin Type Description
LQFP
100-pin
LQFP
64-pin
LQFP
48-pin
87
53
41
PC.7
I/O
General purpose digital I/O pin.
CPN0
AI
Comparator0 negative input pin.
SC1CD
I
SmartCard1 card detect pin.
AD5
I/O
EBI Address/Data bus bit5
88
54
42
PC.6
I/O
General purpose digital I/O pin.
CPP0
AI
Comparator0 positive input pin.
SC0CD
I
SmartCard0 card detect pin.
AD4
I/O
EBI Address/Data bus bit4
89
55
PC.15
I/O
General purpose digital I/O pin.
CPN1
AI
Comparator1 negative input pin.
AD3
I/O
EBI Address/Data bus bit3
90
56
PC.14
I/O
General purpose digital I/O pin.
CPP1
AI
Comparator1 positive input pin.
AD2
I/O
EBI Address/Data bus bit2
91
57
43
PB.15
I/O
General purpose digital I/O pin.
/INT1
I
External interrupt1 input pin.
T0EX
I
Timer0 external capture input pin.
92
58
44
PF.0
I/O
General purpose digital I/O pin.
XT1_OUT
O
External 4~24 MHz (high speed) crystal output pin.
93
59
45
PF.1
I/O
General purpose digital I/O pin.
XT1_IN
I
External 4~24 MHz (high speed) crystal input pin.
94
60
46
/RESET
I
External reset input: active LOW, with an internal pull-up. Set this
pin low reset chip to initial state.
95
61
VSS
P
Ground pin for digital circuit.
96
62
VDD
P
Power supply for I/O ports and LDO source for internal PLL and
digital circuit.
97
PF.2
I/O
General purpose digital I/O pin.
PS2DAT
I/O
PS/2 data pin.
98
PF.3
I/O
General purpose digital I/O pin.
PS2CLK
I/O
PS/2 clock pin.
99
63
47
PVSS
P
PLL ground.
100
64
48
PB.8
I/O
General purpose digital I/O pin.
STADC
I
ADC external trigger input.
TM0
I/O
Timer0 event counter input / toggle output.
Note: Pin Type I = Digital Input, O = Digital Output; AI = Analog Input; P = Power Pin; AP = Analog Power


Numéro de pièce similaire - NUC120-RA2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC120-RA2E NUVOTON-NUC120-RA2E Datasheet
2Mb / 89P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results

Description similaire - NUC120-RA2E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
M031 NUVOTON-M031_V01 Datasheet
4Mb / 288P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NUC131SD2AEU NUVOTON-NUC131SD2AEU Datasheet
1Mb / 72P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M031 NUVOTON-M031 Datasheet
4Mb / 274P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M261 NUVOTON-M261 Datasheet
10Mb / 398P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4521 NUVOTON-M4521 Datasheet
2Mb / 117P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M0515 NUVOTON-M0515 Datasheet
5Mb / 422P
   Arm짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100 Datasheet
3Mb / 160P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NANO100 NUVOTON-NANO100_15 Datasheet
1Mb / 95P
   ARM짰 Cortex짰-M 32-bit Microcontroller
NUC029XDE NUVOTON-NUC029XDE Datasheet
1Mb / 70P
   Arm짰 Cortex짰-M 32-bit Microcontroller
M4TK NUVOTON-M4TK Datasheet
3Mb / 144P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com