Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NUC100-RA3E Fiches technique(PDF) 14 Page - Nuvoton Technology Corporation

No de pièce NUC100-RA3E
Description  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NUVOTON [Nuvoton Technology Corporation]
Site Internet  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC100-RA3E Fiches technique(HTML) 14 Page - Nuvoton Technology Corporation

Back Button NUC100-RA3E Datasheet HTML 10Page - Nuvoton Technology Corporation NUC100-RA3E Datasheet HTML 11Page - Nuvoton Technology Corporation NUC100-RA3E Datasheet HTML 12Page - Nuvoton Technology Corporation NUC100-RA3E Datasheet HTML 13Page - Nuvoton Technology Corporation NUC100-RA3E Datasheet HTML 14Page - Nuvoton Technology Corporation NUC100-RA3E Datasheet HTML 15Page - Nuvoton Technology Corporation NUC100-RA3E Datasheet HTML 16Page - Nuvoton Technology Corporation NUC100-RA3E Datasheet HTML 17Page - Nuvoton Technology Corporation NUC100-RA3E Datasheet HTML 18Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
NuMicro
™ NUC120 Data Sheet
3.2
Pin Configuration
3.2.1
NuMicro
™ NUC120 Medium Density Pin Diagram
3.2.1.1
NuMicro
™ NUC120 Medium Density LQFP 100 pin
ADC5/PA.5
ADC6/PA.6
ADC7/SPISS21/PA.7
CPN0/PC.7
CPP0/PC.6
CPN1/PC.15
CPP1/PC.14
INT1/PB.15
XT1_OUT
XT1_IN
/RESET
STADC/PB.8
AVDD
VSS
VDD
PVSS
PC.0/SPISS00/I2SLRCLK
PC.1/SPICLK0/I2SBCLK
PC.2/MISO00/I2SDI
PC.3/MOSI00/I2SDO
PD.15/TXD2
PD.14/RXD2
PD.7
PD.6
PB.3/CTS0
PB.2/RTS0
PB.1/TXD0
PB.0/RXD0
D+
D-
VDD33
VBUS
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
NUC120VxxAN
Medium Density
LQFP 100-pin
42
43
44
45
46
47
48
49
50
PE.7
PE.8
PC.4/MISO01
PC.5/MOSI01
PB.9/SPISS11
PB.10/SPISS01
PB.11/PWM4
PE.5/PWM5
PE.6
84
83
82
81
80
79
78
77
76
PS2DAT
PS2CLK
SPISS20/PD.0
SPICLK2/PD.1
MISO20/PD.2
MOSI20/PD.3
MISO21/PD.4
MOSI21/PD.5
VREF
Figure 3-2 NuMicro
™ NUC120 Medium Density LQFP 100-pin Pin Diagram
Publication Release Date: Jan. 2, 2012
- 14 -
Revision V2.03


Numéro de pièce similaire - NUC100-RA3E

FabricantNo de pièceFiches techniqueDescription
logo
Nuvoton Technology Corp...
NUC100-RA3E NUVOTON-NUC100-RA3E Datasheet
1Mb / 107P
   ARM짰 Cortex짰-M 32-bit Microcontroller
More results

Description similaire - NUC100-RA3E

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M058LAN TALEMA-M058LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com